Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5260 Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # ACT5260
Description  ACT5260PC-P10-POD FR4 Adapter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT5260 Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

Back Button ACT5260 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 9Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 10Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Aeroflex Circuit Technology
SCD5260PC REV A 9/15/97 Plainview NY (516) 694-6700
8
System Interface Parameters7
Parameter
Symbol
Test Conditions
133MHz
150MHz
Units
Min
Max
Min
Max
Data Output8
tDO
mode14...13 = 10 (fastest)
TBD
TBD
TBD
TBD
ns
mode14...13 = 11
TBD
TBD
TBD
TBD
ns
mode14...13 = 00
1.0
8.0
1.0
8.0
ns
mode14...13 = 01 (slowest)
TBD
TBD
TBD
TBD
ns
Data Setup
tDS
tRISE = 5ns
4.0
4.0
ns
Data Hold
tDH
tFALL= 5ns
0
0
ns
Notes:
7. Timmings are are measured from from 1.5V of the clock to 1.5V of the signal.
8. Capacitive load for all output timing is 50pF.
Boot Time Interface Parameters
Parameter
Symbol
Test Conditions
133/150MHz
Units
Min
Max
Mode Data Setup
tDS
4
SysClock cycles
Mode Data Hold
tDH
0
SysClock cycles



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com