Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8NM60L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 8NM60L-TN3-R
Description  8.0A, 600V N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

8NM60L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  8NM60L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 8NM60L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 8NM60L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 8NM60L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 8NM60L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 8NM60L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 8NM60L-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
8NM60
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2021 Unisonic Technologies Co., Ltd
QW-R205-088.E
8.0A, 600V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 8NM60 is a high voltage super junction MOSFET
and is designed to have better characteristics, such as fast
switching time, low gate charge, low on-state resistance and have
a high rugged avalanche characteristics. This power MOSFET is
usually used at high speed switching applications in switching
power supplies and adaptors.
FEATURES
* RDS(ON) ≤ 0.75 Ω @ VGS=10V, ID=4.0A
* Fast Switching Capability
* Avalanche Energy Tested
* Improved dv/dt Capability, High Ruggedness
SYMBOL
ORDERING INFORMATION
Order Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
8NM60L-TA3-T
8NM60G-TA3-T
TO-220
G
D
S
Tube
8NM60L-TF1-T
8NM60G-TF1-T
TO-220F1
G
D
S
Tube
8NM60L-TF2-T
8NM60G-TF2-T
TO-220F2
G
D
S
Tube
8NM60L-TF3-T
8NM60G-TF3-T
TO-220F
G
D
S
Tube
8NM60L-TM3-T
8NM60G-TM3-T
TO-251
G
D
S
Tube
8NM60L-TN3-R
8NM60G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - 8NM60L-TN3-R

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
8NM60ND VBSEMI-8NM60ND Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - 8NM60L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFF130 INTERSIL-IRFF130 Datasheet
325Kb / 7P
8.0A, 100V, 0.180 Ohm, N-Channel Power MOSFET
March 1999
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
600V N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
IRFF130 NJSEMI-IRFF130 Datasheet
150Kb / 3P
8.0A, 100V, 0.180 Ohm, N-Channel Power MOSFET
logo
Nanjing International G...
NJ8N65 DGNJDZ-NJ8N65 Datasheet
648Kb / 7P
8.0A 650V N-CHANNEL POWER MOSFET
NJ8N80 DGNJDZ-NJ8N80 Datasheet
733Kb / 6P
8.0A 800V N-CHANNEL POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60 JIANGSU-CJD04N60 Datasheet
1Mb / 4P
600V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
600V N-Channel Power MOSFET
logo
First Components Intern...
IRF840FP FCI-IRF840FP Datasheet
302Kb / 5P
8.0A 500V N CHANNEL POWER MOSFET
logo
Thinki Semiconductor Co...
FQP8N80C THINKISEMI-FQP8N80C Datasheet
2Mb / 8P
8.0A,800V Heatsink Planar N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com