Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF1171C Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF1171C
Description  4-digit LCD car clock
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF1171C Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF1171C Datasheet HTML 1Page - NXP Semiconductors PCF1171C Datasheet HTML 2Page - NXP Semiconductors PCF1171C Datasheet HTML 3Page - NXP Semiconductors PCF1171C Datasheet HTML 4Page - NXP Semiconductors PCF1171C Datasheet HTML 5Page - NXP Semiconductors PCF1171C Datasheet HTML 6Page - NXP Semiconductors PCF1171C Datasheet HTML 7Page - NXP Semiconductors PCF1171C Datasheet HTML 8Page - NXP Semiconductors PCF1171C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1997 Apr 16
4
Philips Semiconductors
Product specification
4-digit LCD car clock
PCF1171C
Fig.2 Segment designation of LCD.
MSA984
A1
G1
D1
F1
E1
B1
C1
A2
G2
D2
F2
E2
B2
C2
P1 (P3)
P2 (P4)
A3
G3
D3
F3
E3
B3
C3
A4
G4
D4
F4
E4
B4
C4
Fig.3 Display mode (24-hour mode shown).
MSA985
TIME
OPERATIONAL INPUTS
Operational inputs S1, S2 and S3 have an internal pull-up
resistor to facilitate use of external single-pole,
single-throw switches. A specific debounce circuit is
integrated as protection against contact debounce and
parasitic voltages.
In the description below, an arrangement as shown in
Fig.5 is assumed and S1, S2 and S3 refer to the external
switches rather than the corresponding inputs.
Set hours, switch S1
Closure of S1 increments the hours according to the
correction mode selected by S6 (see Chapter
“Input options”).
Set minutes/reset seconds, switch S2
When S2 is closed, the minute setting is corrected
according to the correction mode determined by S6 (see
Chapter “Input options”).
The seconds counter is reset to zero each time S2 is
closed, and begins running each time S2 is opened.
Segment test/reset, switches S1 and S2
If S1 and S2 are closed simultaneously all LCD segments
are switched on. When the switches are released, the
clock starts at 1 : 00 in the 12-hour mode or 0 : 00 in the
24-hour mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com