Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF1171C Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF1171C
Description  4-digit LCD car clock
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF1171C Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF1171C Datasheet HTML 1Page - NXP Semiconductors PCF1171C Datasheet HTML 2Page - NXP Semiconductors PCF1171C Datasheet HTML 3Page - NXP Semiconductors PCF1171C Datasheet HTML 4Page - NXP Semiconductors PCF1171C Datasheet HTML 5Page - NXP Semiconductors PCF1171C Datasheet HTML 6Page - NXP Semiconductors PCF1171C Datasheet HTML 7Page - NXP Semiconductors PCF1171C Datasheet HTML 8Page - NXP Semiconductors PCF1171C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1997 Apr 16
2
Philips Semiconductors
Product specification
4-digit LCD car clock
PCF1171C
FEATURES
• Driving standard 31⁄2 or a 4-digit LCD
• Internal voltage regulator for 5 V LCD
• Option for external stabilized voltage supply
• 4.19 MHz oscillator
• Integrated oscillator output capacitor and polarization
resistor
• Operating ambient temperature: −40 to +85 °C
• 40-lead plastic SMD, face down (VSO40).
GENERAL DESCRIPTION
The PCF1171C is a single chip, 4.19 MHz CMOS car clock
circuit indicating hours and minutes. It is designed to drive
a 31
⁄2 or 4-digit liquid crystal display (LCD).
Two external single-pole, single-throw switches will
accomplish all time setting functions. A bonding option
allows the selection of 12-hour or 24-hour display mode.
The circuit is battery-operated via an internal 5 V voltage
regulator or by an external stabilized voltage supply.
ORDERING INFORMATION
Notes
1. See Fig.1 and Chapter “Package outline” for pin layout and package details.
2. See Chapter “Chip dimensions and bonding pad locations” for pad layout and package details.
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF1171CT
VSO40
plastic very small outline package; 40 leads; face down(1)
SOT158-2
PCF1171CU
−
uncased chip in tray(2)
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com