Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30APF06 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 30APF06
Description  Fast Recovery Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

30APF06 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  30APF06 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 30APF06 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fast Recovery Rectifier Diode
30APF06
www.iscsemi.com
1
FEATURES
· Short reverse recovery time
· Low forward voltage drop
APPLICATIONS
· Inverters、Choppers and Converters
· Output Rectifiers
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
600
V
IF(AV)
Average Rectified Forward Current
30
A
IFSM
Non-repetitive Peak Surge Current
10 ms sine pulse, rated VRRM applied
300
A
TJ
Junction Temperature
-40~150
℃
Tstg
Storage Temperature Range
-40~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.8
℃
/W


Similar Part No. - 30APF06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
30APF02 ISC-30APF02 Datasheet
302Kb / 2P
Fast Recovery Rectifier Diode
30APF04 ISC-30APF04 Datasheet
262Kb / 2P
Fast Recovery Rectifier
More results

Similar Description - 30APF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYT08P-1000 STMICROELECTRONICS-BYT08P-1000 Datasheet
46Kb / 4P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
BYT12P-1000 STMICROELECTRONICS-BYT12P-1000 Datasheet
99Kb / 5P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
BYT3400B STMICROELECTRONICS-BYT3400B Datasheet
43Kb / 3P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
logo
EIC discrete Semiconduc...
EU1C EIC-EU1C Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIER DIODE
logo
Semikron International
SKN3F20 SEMIKRON-SKN3F20 Datasheet
451Kb / 3P
Fast Recovery Rectifier Diode
SKR48F SEMIKRON-SKR48F Datasheet
267Kb / 3P
Fast Recovery Rectifier Diode
SKN136F SEMIKRON-SKN136F Datasheet
358Kb / 3P
Fast Recovery Rectifier Diode
logo
STMicroelectronics
BYT30PI-1000RG STMICROELECTRONICS-BYT30PI-1000RG Datasheet
112Kb / 5P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
logo
Taiwan Semiconductor Co...
ES0406D1 TSC-ES0406D1 Datasheet
88Kb / 3P
Fast Recovery Rectifier Diode
logo
EIC discrete Semiconduc...
EP01C EIC-EP01C Datasheet
133Kb / 2P
FAST RECOVERY RECTIFIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com