Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF1174C Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF1174C
Description  4-digit static LCD car clock
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF1174C Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF1174C Datasheet HTML 4Page - NXP Semiconductors PCF1174C Datasheet HTML 5Page - NXP Semiconductors PCF1174C Datasheet HTML 6Page - NXP Semiconductors PCF1174C Datasheet HTML 7Page - NXP Semiconductors PCF1174C Datasheet HTML 8Page - NXP Semiconductors PCF1174C Datasheet HTML 9Page - NXP Semiconductors PCF1174C Datasheet HTML 10Page - NXP Semiconductors PCF1174C Datasheet HTML 11Page - NXP Semiconductors PCF1174C Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1997 Apr 16
8
Philips Semiconductors
Product specification
4-digit static LCD car clock
PCF1174C
Fig.6 Programming diagram.
MSA997
PCF1174C
SEL
V DD
OSC OUT
OSC IN
VSS
12 V
R
6.8 k
Ω
C
47
µF
ext
VSS
DATA
VPP
pulse
generators
0 V
t
, t
= 4 to 6 ms
W
E
t
=
1
µs
H
t
= 1 to 1.5
µs
L
t E
t H
t L
t H
t L
VDD
t H
t W
n
clears cells
incrementing counters
store pulse
5 V
VDD
DATA
VPP
VDD
5 V
VDD
50
µs
50
µs
50
µs
50
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com