Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF1174C Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF1174C
Description  4-digit static LCD car clock
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF1174C Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF1174C Datasheet HTML 9Page - NXP Semiconductors PCF1174C Datasheet HTML 10Page - NXP Semiconductors PCF1174C Datasheet HTML 11Page - NXP Semiconductors PCF1174C Datasheet HTML 12Page - NXP Semiconductors PCF1174C Datasheet HTML 13Page - NXP Semiconductors PCF1174C Datasheet HTML 14Page - NXP Semiconductors PCF1174C Datasheet HTML 15Page - NXP Semiconductors PCF1174C Datasheet HTML 16Page - NXP Semiconductors PCF1174C Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1997 Apr 16
13
Philips Semiconductors
Product specification
4-digit static LCD car clock
PCF1174C
APPLICATION INFORMATION
Fig.8 Typical application diagram.
(1) To be placed close to the IC.
MSA999
OSC IN
OSC OUT
17
18
OSCILLATOR
AM/PM
COUNTER
HOURS
COUNTER
MINUTES
COUNTER
SECONDS
COUNTER
ADJUSTABLE
DIVIDER
EEPROM
CONTROL
LOGIC
VOLTAGE
REGULATOR
21
VPP
25
FLASH
22
TS
23
ENABLE
S1
S2
15
DATA
SEL
26
16
27
20
19
VSS
MODE
DECODER
DECODER
BP
1
2 - 14
28 - 40
segment drivers
to LCD
PCF1174C
12 V
6.8 k
Ω
I DD
(1)
100 nF
VDD
C ext
47
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com