Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWN7630LR Datasheet(PDF) 2 Page - Grandstream Networks, Inc.

Part # GWN7630LR
Description  High-Performance Outdoor Long-Range Wi-Fi Access Point
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRANDSTREAM [Grandstream Networks, Inc.]
Direct Link  https://www.grandstream.com/
Logo GRANDSTREAM - Grandstream Networks, Inc.

GWN7630LR Datasheet(HTML) 2 Page - Grandstream Networks, Inc.

  GWN7630LR Datasheet HTML 1Page - Grandstream Networks, Inc. GWN7630LR Datasheet HTML 2Page - Grandstream Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.grandstream.com
Wi-Fi Standards IEEE 802.11a/b/g/n/ac (Wave-2)
Antennas
4 detachable/changeable dual-band omnidirectional antennas
2.4GHz, gain 3.5dBi
5GHz, gain 3.5dBi
Wi-Fi Data Rates
IEEE 802.11ac: 6.5 Mbps to 1733Mbps
IEEE 802.11a: 6, 9, 12, 18, 24, 36, 48, 54 Mbps
IEEE 802.11n: 6.5Mbps to 600Mbps; 800Mbps with 256-QAM on 2.4Ghz
IEEE 802.11b: 1, 2, 5.5, 11Mbps
IEEE 802.11g: 6, 9, 12, 18, 24, 36, 48, 54 Mbps
*Actual throughput may vary depending on many factors including environmental conditions, distance
between devices, radio interference in the operating environment and mix of devices in the network
Frequency Bands
2.4 GHz Radio: 2412 – 2484 MHz
5GHz Radio: 5150-5250MHz, 5250-5350MHz, 5470-5725MHz, 5725-5850MHz
*Not all frequency bands can be used in all regions.
Channel Bandwidth 2.4G: 20 and 40MHz
5G: 20, 40 and 80MHz
System Security
WEP, WPA/WPA2-PSK, WPA/WPA2 Enterprise, anti-hacking secure boot and critical data/control
lockdown via digital signatures, unique security certificate and random default password per
device
MIMO 4x4:4 2.4G (MIMO), 4x4:4 5G (MU-MIMO)
Coverage Range
Up to 300 meters
*Coverage range can vary based on environment
Maximum TX Power
2.4G: 27 dBm
5G: 25 dBm
*Maximum power varies by country, frequency band, and MCS rate
Receiver Sensitivity
2.4G
802.11b: -96dBm@1Mbps, -88dBm@11Mbps; 802.11g: -93dBm @6Mbps, -75dBm@54Mbps;
802.11n 20MHz: -73dBm @MCS7; 802.11n 40MHz:-70dBm @MCS7
5G
802.11a: -92dBm @6Mbps, -74dBm @54Mbps; 802.11ac 20MHz: -67dBm@MCS8; 802.11ac: HT40:-
63dBm @MCS9; 802.11ac 80MHz: -59dBm @MCS9
SSIDs 16 SSID per radio
Concurrent Clients Up to 250+
Network Interfaces 2× autosensing 10/100/1000 Base-T Ethernet Ports
Auxiliary Ports 1× Reset Pinhole
Mounting Wall mount or pole mount - kits included
LEDs 1× tri-color LEDs for device tracking and status indication
Network Protocols IPv4/IPv6, 802.1Q, 802.1p, 802.1x, 802.11e/WMM
QoS 802.11e/WMM, VLAN, TOS
Network Management
Embedded controller can manage up to 50 local GWN APs
GWN.Cloud offers a free cloud management platform for unlimited GWN APs
GWN.Manager (coming soon) offers premise-based software controller for up to 3,000 GWN APs
Power and Green Energy Efficiency PoE 802.3af/ 802.3at;
Max Consumption: 16.5W
Environmental
Operation: -30°C to 60°C
Storage: -30°C to 70°C
Humidity: 5% to 95% Non-condensing
Physical
Unit Dimension: 533.1 × 115 × 40mm; Unit Weight: 564g
Unit + Mounting Kits Dimension : 533.1×115 ×62mm; Unit + Mounting Kits Weight : 706g
Entire Package Dimension: 258 × 247× 86mm; Entire Package Weight: 978g
Package Content GWN7630LR 802.11ac Wireless AP, Mounting Kits, Quick Start Guide
Weatherproof Grade IP66-level weatherproof capability when installed vertically
Compliance FCC, CE, RCM, IC
9.2023.9



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com