Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWN7630LR Datasheet(PDF) 1 Page - Grandstream Networks, Inc.

Part # GWN7630LR
Description  High-Performance Outdoor Long-Range Wi-Fi Access Point
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRANDSTREAM [Grandstream Networks, Inc.]
Direct Link  https://www.grandstream.com/
Logo GRANDSTREAM - Grandstream Networks, Inc.

GWN7630LR Datasheet(HTML) 1 Page - Grandstream Networks, Inc.

  GWN7630LR Datasheet HTML 1Page - Grandstream Networks, Inc. GWN7630LR Datasheet HTML 2Page - Grandstream Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High-Performance Outdoor Long-Range Wi-Fi Access Point
The GWN7630LR is an outdoor long-range 802.11 ac Wave-2 Wi-Fi access point for medium to large businesses and
enterprises who need to provide long-range coverage in both indoor and outdoor spaces. It offers weatherproof casing
and heat resistant technology, dual-band 4×4:4 MU-MIMO technology, and a sophisticated antenna design for maximum
network throughput that supports up to 250+ clients and an expanded 300-meter coverage range. To ensure easy
installation and management, the GWN7630LR includes a built-in controller embedded within the product’s web user
interface. It is also supported by GWN.Cloud, Grandstream’s free cloud Wi-Fi management platform. The GWN7630LR is
the ideal Wi-Fi AP for voice-over-Wi-Fi deployments and offers a seamless connection with Grandstream’s Wi-Fi-capable
voice and video IP phones. By including support for advanced QoS, low-latency real-time applications, mesh networks and
captive portals, the GWN7630LR is an ideal outdoor Wi-Fi access point for enterprises, multiple floor offices, warehouses,
hospitals, schools and more.
2.5Gbps wireless
throughput and 2x Gigabit
wireline ports
Dual-band 4x4:4 MIMO
technology
Self power adaptation upon
auto detection of PoE/PoE+
Advanced QoS to ensure
real-time performance
of low-latency applications
Anti-hacking secure boot
and critical data/control
lockdown
Embedded controller can
manage up to 50 local
GWN series APs; GWN.
Cloud offers unlimited AP
management
www.grandstream.com
GWN7630LR
Support up to 250+
concurrent Wi-Fi client
devices
Up to 300-meter coverage
range
Flexibilty of detachable/
changeable antenna for
different application
scenarios


Similar Part No. - GWN7630LR

ManufacturerPart #DatasheetDescription
logo
Grandstream Networks, I...
GWN7600LR GRANDSTREAM-GWN7600LR Datasheet
648Kb / 2P
Outdoor Long Range 802.11ac Wave-2 Wi-Fi Access Point
4.2021.01
GWN7602 GRANDSTREAM-GWN7602 Datasheet
592Kb / 2P
Mid-Tier 802.11ac Wi-Fi Access Point
11.2019.2
GWN7610 GRANDSTREAM-GWN7610 Datasheet
646Kb / 2P
Enterprise 802.11ac Wi-Fi Access Point
4.2021.01
GWN7615 GRANDSTREAM-GWN7615 Datasheet
614Kb / 2P
802.11ac Wave-2 3×3:3Enterprise Wi-Fi Access Point
4.2021.01
GWN7660 GRANDSTREAM-GWN7660 Datasheet
661Kb / 2P
802.11ax 2x2:2 Wi-Fi 6 Access Point
3.2023.05
More results

Similar Description - GWN7630LR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF121 ETC2-WF121 Datasheet
1Mb / 41P
Wi-Fi MODULE
WF121-E ETC2-WF121-E Datasheet
457Kb / 7P
Wi-Fi Module
logo
Level One
WAB-5120 LVL1-WAB-5120 Datasheet
193Kb / 4P
300Mbps 5G Wireless Outdoor PoE Access Point / Bridge
WAB-6120 LVL1-WAB-6120 Datasheet
406Kb / 3P
150Mbps Wireless Outdoor PoE Access Point
logo
ORing Industrial Networ...
IAP-W520 ORING-IAP-W520 Datasheet
420Kb / 4P
Industrial outdoor IEEE 802.11 a/n wireless access point
logo
TP-Link Technologies Co...
RE300 TP-LINK-RE300 Datasheet
1Mb / 5P
AC1200 Mesh Wi-Fi Range Extender
logo
Advantech Co., Ltd.
BB-APXN-DP553 ADVANTECH-BB-APXN-DP553 Datasheet
611Kb / 3P
AirborneM2M™ Dual Band (2.4 GHz, 5 GHz) Wi-Fi Industrial Ethernet Access Point – Embedded OEM & Carrier Board
EKI-6333AC-2GD ADVANTECH-EKI-6333AC-2GD Datasheet
393Kb / 2P
IEEE 802.11 a/b/g/n/ac Wi-Fi Access Point
27-Jun-2022
logo
Lanner All Rights Reser...
LWR-X8460-DM LANNER-LWR-X8460-DM Datasheet
595Kb / 2P
High-Capacity Wi-Fi 6E Tri-Band Access Point
V4-2022.3.22
logo
Multi-Tech Systems, Inc...
86002252 MULTITECH-86002252 Datasheet
344Kb / 2P
Wi-Fi Access Point for CBRS Cellular Networks
2021-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com