Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIALOG Datasheet(PDF) 1 Page - Intel Corporation

Part # DIALOG
Description  Intel Dialogic Voice Board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DIALOG Datasheet(HTML) 1 Page - Intel Corporation

  DIALOG Datasheet HTML 1Page - Intel Corporation DIALOG Datasheet HTML 2Page - Intel Corporation DIALOG Datasheet HTML 3Page - Intel Corporation DIALOG Datasheet HTML 4Page - Intel Corporation DIALOG Datasheet HTML 5Page - Intel Corporation DIALOG Datasheet HTML 6Page - Intel Corporation DIALOG Datasheet HTML 7Page - Intel Corporation DIALOG Datasheet HTML 8Page - Intel Corporation DIALOG Datasheet HTML 9Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features and Benefits
Four independent voice processing ports in a single, half-size ISA slot supporting low- to medium-
density voice systems
Downloadable signal and call processing firmware, Spring Ware, facilitates feature enhancement and
provides field-proven performance based on over four million installed ports
C language application program interfaces (APIs) for MS-DOS*, Windows* 95, Windows NT*, OS/2*,
UNIX*, and Linux* shorten the development cycle to get applications to market faster
Application generators available from third-party providers
Configure multiple DIALOG/4 boards in a single PC for easy and cost-effective system expansion, and
to build scalable systems from four to 64 ports
Voice coding at dynamically selectable data rates, 24 Kb/s to 64 Kb/s, selectable on a channel-by-chan-
nel basis for optimal tradeoff in disk storage and voice quality
Enhanced telephone circuitry and automatic gain control (AGC) maintains recording quality over a wide
dynamic range
Perfect digit DTMF (touchtone) provides reliable detection during voice playback - lets callers “type-
ahead” through menus
Outbound call progress analyzes outgoing call status quickly and accurately
Supports PBXpert and PBXpert/32, complimentary utilities that simplify switch integration
Lifetime warranty
The Intel® Dialogic® DIALOG/4 is a four-port voice
board in a half-size ISA form factor that is ideal for the
small/medium business (SMB) market segment. The
DIALOG/4 has downloadable signal and call process-
ing firmware that facilitates feature enhancement and
helps developers build systems that scale from four to
64 ports.
Intel® Dialogic® DIALOG/4
Voice Board
Datasheet
Retired product – This datasheet is for informational purposes only; the product detailed in this
datasheet is no longer available. Consider migrating to the Intel Dialogic D/4PCIUF combined
media board at http://www.intel.com/network/csp/products/8497web.htm.


Similar Part No. - DIALOG

ManufacturerPart #DatasheetDescription
logo
Brady Worldwide, Inc.
DIA-250-RD-PK BRADY-DIA-250-RD-PK Datasheet
152Kb / 3P
BRADY B500 POLYMER COATED CLOTH TAPE
08/19/2005
logo
List of Unclassifed Man...
DIA01C7245A ETC2-DIA01C7245A Datasheet
106Kb / 3P
Monitoring Relays 1-Phase AC/DC Over Current
DIA01C7485A ETC2-DIA01C7485A Datasheet
106Kb / 3P
Monitoring Relays 1-Phase AC/DC Over Current
DIA01CB235A ETC2-DIA01CB235A Datasheet
106Kb / 3P
Monitoring Relays 1-Phase AC/DC Over Current
DIA01CB485A ETC2-DIA01CB485A Datasheet
106Kb / 3P
Monitoring Relays 1-Phase AC/DC Over Current
More results

Similar Description - DIALOG

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
ISA-588LF PROTECHSYSTEMS-ISA-588LF Datasheet
756Kb / 2P
Intel Atom N270 (1.6GHz) CPU on board
logo
Intel Corporation
D64569-007 INTEL-D64569-007 Datasheet
780Kb / 76P
Intel Server Board S5000VCL
logo
Fairchild Semiconductor
MTC6 FAIRCHILD-MTC6 Datasheet
145Kb / 1P
VMT with Intel Atom짰 Processor and Voice Kit
logo
Protech Systems Co., Lt...
EB-581LF PROTECHSYSTEMS-EB-581LF Datasheet
578Kb / 2P
Intel Atom??Z510/ Z530 3.5" Embedded Board
logo
Intel Corporation
NUC7I3BNB INTEL-NUC7I3BNB Datasheet
2Mb / 77P
Intel NUC Board
NUC7I3DN INTEL-NUC7I3DN Datasheet
2Mb / 75P
Intel NUC Board/Kit
NUC7I5BNB INTEL-NUC7I5BNB Datasheet
3Mb / 83P
Intel NUC Board
NUC7I5DN INTEL-NUC7I5DN Datasheet
2Mb / 79P
Intel NUC Board/Kit
NUC7I7DN INTEL-NUC7I7DN Datasheet
2Mb / 77P
Intel NUC Board/Kit
DH61WW INTEL-DH61WW Datasheet
2Mb / 86P
Intel® Desktop Board
July 2013 Rev. -006
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com