Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIALOG Datasheet(PDF) 5 Page - Intel Corporation

Part # DIALOG
Description  Intel Dialogic Voice Board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DIALOG Datasheet(HTML) 5 Page - Intel Corporation

  DIALOG Datasheet HTML 1Page - Intel Corporation DIALOG Datasheet HTML 2Page - Intel Corporation DIALOG Datasheet HTML 3Page - Intel Corporation DIALOG Datasheet HTML 4Page - Intel Corporation DIALOG Datasheet HTML 5Page - Intel Corporation DIALOG Datasheet HTML 6Page - Intel Corporation DIALOG Datasheet HTML 7Page - Intel Corporation DIALOG Datasheet HTML 8Page - Intel Corporation DIALOG Datasheet HTML 9Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Technical Specifications
Number of ports
Four
Max. boards/system
16
Analog network interface
Onboard loop start interface circuits
Microprocessor
80C188
Digital signal processor
Motorola* DSP56001
Host Interface
Bus compatibility
IBM PC XT/AT (ISA)
Bus speed
4 MHz to 12 MHz, 70 nsec back-to-back bus cycle
Shared memory
8 KB page, switch selectable on 8 KB boundaries
Base addresses
D000h (default)
A000h
C000h
Interrupt level
IRQ 2 to IRQ 7 jumper selectable
One IRQ is shared by all DIALOG/4 boards
Telephone Interface†
Trunk type
Loop start (or ground start for answer only)
Impedance
600 Ohms nominal
Ring detection
25 Vrms minimum
15.3 Hz to 68 Hz, 150 Vrms maximum
Loop current range
20 mA to 120 mA, DC (polarity insensitive)
Receive signal/noise ratio
70 dB, referenced to –15 dBm
Crosstalk coupling
–70 dB at 1 kHz channel to channel
Frequency response
300 Hz to 3400 Hz ±3 dB (transmit and receive)
Connector
Two RJ-11 type
Power Requirements
+5 VDC
.75 A
+12 VDC
40 mA
–12 VDC
40 mA
Operating temperature
0°C to +50°C
Storage temperature
–20°C to +70°C
Humidity
8% to 80% noncondensing
Form factor
PC XT (ISA)
7 in. long (17.5 cm)
0.652 in. wide (1.63 cm)
4.5 in. high (11.25 cm) (excluding edge connector)
Safety and EMI Certifications
United States
FCC part 68 ID#: EBZUSA-65588-VM-E
UL: E143032
Canada
DOC: 885-4452A
ULC: E143032
Estimated MTBF
309,000 hours per Bellcore Method I
Warranty
Intel® Telecom Products Warranty Information at
http://www.intel.com/network/csp/products/3144web.htm
Datasheet
Intel® Dialogic® DIALOG/4 Voice Board



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com