Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWN7664LR Datasheet(PDF) 2 Page - Grandstream Networks, Inc.

Part # GWN7664LR
Description  High-Performance Outdoor Long-Range Wi-Fi 6 Access Point
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRANDSTREAM [Grandstream Networks, Inc.]
Direct Link  https://www.grandstream.com/
Logo GRANDSTREAM - Grandstream Networks, Inc.

GWN7664LR Datasheet(HTML) 2 Page - Grandstream Networks, Inc.

  GWN7664LR Datasheet HTML 1Page - Grandstream Networks, Inc. GWN7664LR Datasheet HTML 2Page - Grandstream Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.grandstream.com
Wi-Fi Standards IEEE 802.11 b/g/n/ac/ax
Antennas
4 dual band external antennas
2.4GHz, gain 3.5dBi
5 GHz, gain 3.5dBi
Wi-Fi Data Rates
5G:
IEEE 802.11ax: 8 Mbps to 2402 Mbps IEEE
802.11ac: 6.5 Mbps to 1733 Mbps IEEE
802.11n: 6.5Mbps to 600Mbps
IEEE 802.11a: 6, 9, 12, 18, 24, 36, 48, 54 Mbps
2.4G:
IEEE 802.11ax: 8 Mbps to 1147 Mbps IEEE
802.11n: 6.5Mbps to 600Mbps IEEE
802.11b: 1, 2, 5.5, 11 Mbps
IEEE 802.11g: 6, 9, 12, 18, 24, 36, 48, 54 Mbps
*Actual throughput may vary depending on many factors including environmental conditions, distance
between devices, radio interference in the operating environment and mix of devices in the network
Frequency Bands
2.4GHz radio: 2412 - 2484 MHz
5GHz radio: 5180 - 5825 MHz
*Not all frequency bands can be used in all regions.
Channel Bandwidth 2.4G: 20 and 40 MHz (x4)
5G: 20, 40 and 80 MHz (x4)
System Security
WEP, WPA/WPA2-PSK, WPA/WPA2 Enterprise (TKIP/AES); WPA3, anti-hacking secure boot and critical
data/control lockdown via digital signatures, unique security certificate and random default password
per device
MU-MIMO 4×4:4 2.4GHz, 4×4:4 5GHz
Coverage Range
Up to 300 meters
*Coverage range can vary based on environment
Maximum TX Power
5G: 25dBm
2.4G: 26dBm
*Maximum power varies by country, frequency band, and MCS rate
Receiver Sensitivity
2.4G
802.11b: -99dBm@1Mbps, -91dBm@11Mbps;
802.11g: -94dBm @6Mbps, -78dBm@54Mbps;
802.11n 20MHz: -75dBm @MCS7; 802.11n 40MHz:-71dBm @MCS7;
802.11ax 20MHz: -64dBm @ MCS11; 802.11ax 40MHz: -63dBm @MCS11
5G
802.11a: -95dBm @6Mbps, -77dBm @54Mbps;
802.11n: 20MHz: -74dBm @MCS7; 802.11 n 40MHz: -71dBm @MCS7
802.11ac 20MHz: -70dBm@MCS8; 802.11ac: HT40:- 66dBm @MCS9; 802.11ac 80MHz: -62dBm @MCS9;
802.11ax 20MHz: -64dBm @ MCS11; 802.11ax 40MHz: -62dBm @MCS11;802.11ax 80MHz: -59dBm @
MCS11
SSIDs 32 SSIDs total, 16 per radio (2.4GHz & 5GHz)
Concurrent Clients 750+
Network Interfaces 1x 1G Port and 1x 2.5G Port, support 2.5Gbps aggregate wired throughout
Auxiliary Ports 1x Reset Pinhole
Mounting Wall mount or pole mount, kits included
LEDs 1 tri-color LEDs for device tracking and status indication
Network Protocols IPv4, IPv6, 802.1Q, 802.1p, 802.1x, 802.11e/WMM
QoS 802.11e/WMM, VLAN, TOS
Network Management
Embedded controller can manage up to 50 local GWN APs
GWN.Cloud offers a free cloud management platform for unlimited GWN APs
GWN Manager offers premise-based software controller for up to 3,000 GWN APs
Power and Green Energy
Efficiency
PoE 802.3af/ 802.3at;
Maximum Power Consumption: 18W
Environmental
Operation:-30°Cto 60°C
Storage: -30°C to 60°C
Humidity: 10% to 90% Non-condensing
Physical
Unit Dimension: 562.3mm(L)x140mm(W)x44.9mm(H);
Unit + Mounting Kits Dimension: 562.3mm(L)x140mm(W)x66.9mm(H);
Entire Package Dimension: 260mm(L)x218.5mm(W)x108mm(H);
Package Content GWN7664LR 802.11ax Wireless AP, Mounting Kits, Quick Installation Guide
Weatherproof Grade IP66-level weatherproof capability when installed vertically
Compliance FCC, CE, RCM, IC, UKCA
4.2022.02



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com