Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWN7664LR Datasheet(PDF) 1 Page - Grandstream Networks, Inc.

Part # GWN7664LR
Description  High-Performance Outdoor Long-Range Wi-Fi 6 Access Point
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRANDSTREAM [Grandstream Networks, Inc.]
Direct Link  https://www.grandstream.com/
Logo GRANDSTREAM - Grandstream Networks, Inc.

GWN7664LR Datasheet(HTML) 1 Page - Grandstream Networks, Inc.

  GWN7664LR Datasheet HTML 1Page - Grandstream Networks, Inc. GWN7664LR Datasheet HTML 2Page - Grandstream Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High-Performance Outdoor Long-Range Wi-Fi 6 Access Point
The GWN7664LR is an outdoor 802.11ax 4×4:4 Wi-Fi 6 access point for medium-to-large businesses and enterprises
who need to provide long-range coverage in both indoor and outdoor spaces. It offers weatherproof casing and heat
resistant technology, dual-band 4×4:4 MU-MIMO with DL/UL OFDMA technology and a sophisticated antenna design
for maximum network through that supports 750 clients and an expanded 300-meter coverage range. To ensure
easy installation and management, the GWN7664LR includes a built-in controller embedded within the product’s web
user interface. It is also supported by GWN.Cloud and GWN Manager, Grandstream’s free cloud and on-premise Wi-Fi
management platform. The GWN7664LR is the ideal Wi-Fi AP for voice-over-Wi-Fi deployment and offers a seamless
connection with Grandstream’s Wi-Fi capable voice and video IP phones. With support for advanced QoS, low-latency
real-time applications, mesh networks, captive portals and dual Gigabit networks ports with PoE/PoE+, the GWN7664LR
is an ideal outdoor Wi-Fi access point for enterprises, multiple floor offices, warehouses, hospitals, schools and more.
www.grandstream.com
GWN7664LR
3.55Gbps aggregate
wireless throughput,
3.5Gbps aggregate wired
throughout
Self power adaptation upon
auto detection of PoE/PoE+
Advanced QoS to ensure
real-time performance
of low-latency applications
Embedded controller manages up
to 50 local GWN APs; GWN.Cloud
offers unlimited AP management,
& GWN Manager offers on-premise
software AP management
Supports 750+ concurrent
Wi-Fi client devices
Up to 300-meter coverage
range
Dual-band 4×4:4 MU- MIMO
with DL/UL OFDMA
technology
Flexibility of 4 detachable/
changeable antennas
for different application
scenarios
Anti-hacking secure boot
and critical data/control
lockdown via digital
signatures, unique security
certificate/random default
password per device


Similar Part No. - GWN7664LR

ManufacturerPart #DatasheetDescription
logo
Grandstream Networks, I...
GWN7664 GRANDSTREAM-GWN7664 Datasheet
586Kb / 2P
802.11ax 4x4:4 Wi-Fi 6 Access Point
06.2023.01
More results

Similar Description - GWN7664LR

ManufacturerPart #DatasheetDescription
logo
Level One
WAB-6120 LVL1-WAB-6120 Datasheet
406Kb / 3P
150Mbps Wireless Outdoor PoE Access Point
logo
TP-Link Technologies Co...
RE300 TP-LINK-RE300 Datasheet
1Mb / 5P
AC1200 Mesh Wi-Fi Range Extender
logo
Qorvo, Inc
QPF4588A QORVO-QPF4588A Datasheet
163Kb / 2P
Wi-Fi 6 Front End Module
QPF4551 QORVO-QPF4551 Datasheet
151Kb / 2P
Wi-Fi 6 Front End Module
QPF4288A QORVO-QPF4288A Datasheet
163Kb / 2P
Wi-Fi 6 Front End Module
QPF4211 QORVO-QPF4211 Datasheet
153Kb / 2P
Wi-Fi 6 Front End Module
logo
AVX Corporation
1000146 AVX-1000146 Datasheet
2Mb / 16P
Wi -Fi 6 & Wi Wi-Fi 6E or CBRS/n78 Stamped Metal Embedded Antenna
8/25/2022 Rev. 1
logo
Advantech Co., Ltd.
EKI-6333AC-2GD ADVANTECH-EKI-6333AC-2GD Datasheet
393Kb / 2P
IEEE 802.11 a/b/g/n/ac Wi-Fi Access Point
27-Jun-2022
logo
Lanner All Rights Reser...
LWR-X8460-DM LANNER-LWR-X8460-DM Datasheet
595Kb / 2P
High-Capacity Wi-Fi 6E Tri-Band Access Point
V4-2022.3.22
logo
Multi-Tech Systems, Inc...
86002252 MULTITECH-86002252 Datasheet
344Kb / 2P
Wi-Fi Access Point for CBRS Cellular Networks
2021-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com