Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-PB75N Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-PB75N
Description  Parcel Scale PCE-PB 75N
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-PB75N Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-PB75N Datasheet HTML 1Page - PCE Instruments. PCE-PB75N Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Weighing range
75 kg / 165 lb
Resolution
0.02 kg / 0.7 oz
Accuracy
±0.06 kg / 2.1 oz
Minimum load
0.06 kg / 2.1 oz
 
 
Further specifications
 
Units
kg, lb, oz/lb
Display when the measuring range is
exceeded 
"0_Ld"
Display when voltage is too low
"LO"
Operating conditions
5 ... 35 °C / 41 ... 95 °F, <85% RH, non-
condensing
Power supply battery
4 x 1.5 V AA batteries
Mains power supply
primary: 100 ... 240 VAC, 50/60 Hz, 0.3 A
 
secondary: 6 VDC, 1 A
Dimensions platform
350 x 390 x 40 mm / 13.7 x 15.3 x 1.5"
Dimensions display
180 x 88 x 33 mm / 7.0 x 3.4 x 1.3"
Weight
ca. 3 kg / 6.6 lb
More information
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com