Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-PB75N Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-PB75N
Description  Parcel Scale PCE-PB 75N
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-PB75N Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-PB75N Datasheet HTML 1Page - PCE Instruments. PCE-PB75N Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Parcel Scale PCE-PB 75N
Parcel scale with external display / Max. weighing range up to 75 kg / LC display /
Large and flat weighing surface of 350 x 390 x 40 mm / Battery and mains operation
The parcel scale with a maximum weighing range of up to 75 kg and a weighing surface of 350 x 390 mm is the ideal measuring device for
determining the weight of parcels or the contents of propane gas bottles. With an accuracy of ± 0.06 kg, the platform scale is a precise
measuring device. Furthermore, the platform scale can be used for the dosing of paints. This makes the platform scale a universally applicable
test device in production, warehouse and logistics.
In addition to the normal measuring mode, the parcel scale has a counting function. With the counting function, the platform scale determines,
for example, the number of batteries in a package. Another function is the automatic zeroing, with which the platform scale sets the zero point
again after switching on. This function can also be deactivated in order to resume a measurement with the platform scale. The tare key can be
used to manually reset the measured value to zero at any time, for example to hide the weight of trays, boxes or other packaging materials.
The parcel scale can be used stationary because of the power supply unit and the wall bracket included in the scope of delivery to attach the
display. With the additional option of battery operation, the platform scale can also be used on the move. The platform scale has an automatic
switch-off function to save the batteries used. This will automatically turn off the platform scale after five minutes of inactivity.
Optionally with ISO calibration
Counting function
Weighing units kg, lb, oz/lb
Weighing surface of 350 x 390 mm / 13.7 x 15.3"
Wall mounting bracket for the display
Automatic shutdown when inactive


Similar Part No. - PCE-PB75N

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-PB150N PCE-PCE-PB150N Datasheet
166Kb / 2P
Counting Scale PCE-PB 150N
PCE-PB200N PCE-PCE-PB200N Datasheet
571Kb / 2P
Benchtop Scale PCE-PB 200N
PCE-PB60N PCE-PCE-PB60N Datasheet
165Kb / 2P
Benchtop Scale PCE-PB 60N
More results

Similar Description - PCE-PB75N

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
2-1419125-3 MACOM-2-1419125-3 Datasheet
167Kb / 2P
PCE-1**D2H,000 CUSTOMER DRAWING
2-1419146-0 MACOM-2-1419146-0 Datasheet
167Kb / 2P
PCE-1**D2H,000 CUSTOMER DRAWING
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
PCE-PQC PCE-PCE-PQC Datasheet
340Kb / 2P
Particle Counter PCE-PQC 10US Incl. Calibration
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com