Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-PCS30 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-PCS30
Description  Tabletop Scale PCE-PCS 30
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-PCS30 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-PCS30 Datasheet HTML 1Page - PCE Instruments. PCE-PCS30 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Weight range: 0.5 ... 30000 g / 30 kg
Readability: 0.5 g
Repeatability: ± 0.5 g
Minimum weight: 0.5 g
Minimum piece weight: 0.5 g
Memory positions for reference weight: 99
Stabilization time: 3 seconds
TARE range: 100 %
Weighing units: Grams or kilograms (metric only)
Screen: 3 x 6 digit LCD
Calibration: Auto (requires external weight, not included)
Dimension of weighing pan: 230 x 310 mm / 9.06 x 12.21"
Operating temperature range: 0 ... + 40 °C / + 32 ... + 104 °F
Power: 220 V AC electric power supply (included) or battery
Housing: ABS plastic
Interface: RS-232 port
Dimensions of scale: Approx. 320 x 320 x 125 mm / 12.6 x 12.6 x 4.92"
Weight of scale: Approx. 2.8 kg / 6.18 lb
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com