Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-PCS30 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-PCS30
Description  Tabletop Scale PCE-PCS 30
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-PCS30 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-PCS30 Datasheet HTML 1Page - PCE Instruments. PCE-PCS30 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tabletop Scale PCE-PCS 30
PCE-PCS 30 is a tabletop scale or balance with accurate weighing and piece or part counting functions. Ideal for use in laboratory, office,
inventory and miscellaneous industrial applications, this portable scale can be powered by battery or by the included electric power supply. The
scale's built-in RS-232 port enables data transfer and printing.
Functions: TARE, ZERO, auto calibration (requires external weight, not included), backlight on / off, piece counting accumulation and auto
average
Displays gross weight, unit weight and total quantity of pieces (pcs)
Reference weight established by TARE or keyed manually
Programmable (99 memory positions)
Set communication via RS-232 port to automatic output when reading is stable or continuous output
- Powered by electric power supply (included) or battery
Low power indicator signals need to recharge battery
Features adjustable feet for leveling


Similar Part No. - PCE-PCS30

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-PCS30-ICA PCE-PCE-PCS30-ICA Datasheet
344Kb / 2P
Compact Balance PCE-PCS 30-ICA Incl. ISO CalibrationCertificate
More results

Similar Description - PCE-PCS30

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
Advantech Co., Ltd.
UTK-752 ADVANTECH-UTK-752 Datasheet
390Kb / 2P
21.5Slim Tabletop Kiosk
7-Oct-2020
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
logo
Advantech Co., Ltd.
UTK-7115 ADVANTECH-UTK-7115 Datasheet
1Mb / 4P
15.6" Slim Tabletop Kiosk
26-Jan-2022
UTK-7121 ADVANTECH-UTK-7121 Datasheet
968Kb / 4P
21.5" Slim Tabletop Kiosk
26-Jan-2022
UTK-7515 ADVANTECH-UTK-7515 Datasheet
723Kb / 4P
15.6" Slim Tabletop Kiosk
27-Aug-2021
UTK-7521 ADVANTECH-UTK-7521 Datasheet
640Kb / 4P
21.5" Slim Tabletop Kiosk
27-Aug-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com