Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-SD30SSTC Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-SD30SSTC
Description  Bench Counting Scale PCE-SD 30SST C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-SD30SSTC Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-SD30SSTC Datasheet HTML 1Page - PCE Instruments. PCE-SD30SSTC Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Technicalspecifications of the Waterproof Bench Counting Scale PCE-SD SST
Series
Model
weighingra
nge
resolution
calibration
value
Min.*
platformsize
PCE-SD30SST C 30kg
10g
10g
200g
400x 500 mm
PCE-SD60SST
C 
60kg
20g
20g
400g
400x 500 mm
PCE-SD150SST
C
150kg
50g
50g
1kg
600x 500 mm
PCE-SD300SST
C
300kg
100g
100g
2kg
600x 500 mm
*The minimum load is defined by the load, from which the
calibrationauthority tests the accuracy of the scale. The waterproof steel
scaleshows even lower weights, but these are not valid for custody transfer. 
CalibrationClass
MIII (is delivered calibrated)
UnitCounter Function
countingby reference values
Tarefunction
multipletaring covering the whole measurement range
Interface
optionalbi-directional RS-232, USB, LAN
datasheeton interface
as well as analogue output 4-20 mA, 0-10, OC
Display
LEDwith 20 mm digit height
CableLength
fromplatform to display
PowerSource
~230V,50Hz, 8VA (schuko plug)
ProtectionClass
IP67 cell / IP65 display
OperationalTemperature -10°C ... +40 °C
Weight
platform400 x 500 x 120 mm / 17 kg
platform 600 x 500 x 135 mm / 25 kg
More information
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com