Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-SD30SSTC Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-SD30SSTC
Description  Bench Counting Scale PCE-SD 30SST C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-SD30SSTC Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-SD30SSTC Datasheet HTML 1Page - PCE Instruments. PCE-SD30SSTC Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bench Counting Scale PCE-SD 30SST C
Calibratedwaterproof bench counting scale made entirely of stainless steel / weighing range upto 300 kg / IP67 - IP65 protection class
/ summation function /threshold-function / statistics function / 
interface RS-232, RS-485, USB, LAN, Analogue 4-20 mA, 0-10 V, OCoptional
Thewaterproof bench counting scale PCE-SD SST featuring a separate display can beMIII calibrated and will be delivered calibrated. The load
cells of thewaterproof bench counting scale are IP67 protected, while the display device ismade of an IP65 protected enclosure. Thus the
waterproof bench counting scaleproves to be ideal for high-moisture locations or such locations thatrequire a high hygienic standard. With the
appropriate equipment that isoptionally purchasable, you can also use the waterproof bench countingscale onships at sea. Standard functions
of the waterproof bench counting scale are:summation function, counting function, statistics function, mixing onformula, percentage weighing
function, animal weighing function, alarmon trespassing thresholds etc. Due to its high IP protection thewaterproof bench counting scale does
not feature any interface. But optionallyinterfaces can be purchased for the waterproof bench counting scale,e.g. RS-232, RS-485, USB, LAN, OC
contactors, analogue interfaces 4-20mA or 0-10 V.
Calibrated according to calibration class MIII
Completely made of stainless steel IP67-IP65
Unit Counter
Summation function
MAX. / MIN. indication
Percentage weighing 
Formula weighing
Statistics function
Animal weighing function
Gross / Net display
Tare storage
Threshold weighing MIN / MAX / OK
3 potential-free contactors
Analogue output optional 4-20 mA / 0-10 V


Similar Part No. - PCE-SD30SSTC

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-SD300 PCE-PCE-SD300 Datasheet
162Kb / 2P
Weighing Platform PCE-SD 300
PCE-SD3000B PCE-PCE-SD3000B Datasheet
158Kb / 2P
Floor Scale PCE-SD 3000B
PCE-SD3000BSST PCE-PCE-SD3000BSST Datasheet
156Kb / 2P
Pallet Scale PCE-SD 3000B SST
PCE-SD3000E PCE-PCE-SD3000E Datasheet
180Kb / 2P
Parcel Scale PCE-SD 3000E
PCE-SD3000ESST PCE-PCE-SD3000ESST Datasheet
157Kb / 2P
Parcel Scale PCE-SD 3000E SST
More results

Similar Description - PCE-SD30SSTC

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7390 AD-ADV7390 Datasheet
2Mb / 96P
Low Power, Chip Scale 10-Bit SD/HD Video Encoder
10/06-Revision 0
logo
List of Unclassifed Man...
CBC4 ETC2-CBC4 Datasheet
206Kb / 2P
CBC Bench Counting Scales
logo
Extech Instruments Corp...
SC600 EXTECH-SC600 Datasheet
412Kb / 1P
Electronic Counting Scale/Balance
logo
Analog Devices
ADV7390 AD-ADV7390_15 Datasheet
1Mb / 108P
Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
ADV7391 AD-ADV7391_15 Datasheet
1Mb / 108P
Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
ADV7392 AD-ADV7392_15 Datasheet
1Mb / 108P
Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
ADV7393 AD-ADV7393_15 Datasheet
1Mb / 108P
Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
logo
Guangdong Youtai Semico...
TMP36 UMW-TMP36 Datasheet
5Mb / 10P
Scale factor: 10 mV/°C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com