Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-TB1 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-TB1
Description  Counting Scale PCE-TB 1,5
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-TB1 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-TB1 Datasheet HTML 1Page - PCE Instruments. PCE-TB1 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Model
Weighingrange
Resolution
PCE-TB1.5
1.5kg
0.05g
PCE-TB3
3kg
0.1g
PCE-TB6
6kg
0.2g
PCE-TB15
15kg
0.5g
PCE-TB30
30kg
1g
TareRange
coveringthe whole weighing range
SettlingTime
approx.3 sec.
Display
LCDwith background lights
Digitheight
Approx.30 mm
Weighingunit
ct/ g / kg / lb / oz / ozt / gr / dwt
Interface
bi-directionalRS-232 and USB
Calibration
externalvia any M1 weight standard
Operationtemperature -10°C ... +40 °C
PowerSupply
~230V 50 Hz 12 V 1.2 A adapter or
CE 6 V / 4.5 Ah battery (not included in delivery)
Batterylife time
approx.50 hrs. / 100 hrs. ( with / without background lights)
IPCode
IP54
Diameterplatform
316x 223 mm
Diametersystem scale 350x 328 x 115 mm
Weightof system scale approx.3.5 kg
More information
Datasheet
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com