Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-TB1 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-TB1
Description  Counting Scale PCE-TB 1,5
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-TB1 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-TB1 Datasheet HTML 1Page - PCE Instruments. PCE-TB1 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Counting Scale PCE-TB 1,5
Reasonablypriced Counting Scale up to 30 kg / accuracy down to 0.05 g / 
operation by battery possible / bi-directional RS232 interface /platform size 300 x 210 mm / optionally purchasable: LAN, Wi-Fi, 4-
20mA, 0-10 V or 3 potential-free contacts
The Counting Scale PCE-TB series stands out due to its multifunctionalrange of application. But not only the large range of functions of the
Counting Scale is outstanding, the communication options of the Counting Scale are interesting as well. The Counting Scale features abi-
directional RS-232 interface and USB interface. Thus the Counting Scale provides a very good foundation for every programmer(description of
interface in instruction manual). The Counting Scalesends the information via keypress automatically to a computer eitherevery time the
weighing value is stable, continuously (approx. 10 valuesper second) or on demand. Another option to integrate the Counting Scale into a
system would be the optionally purchasable interfaces,e.g. LAN-, WiFi-, analogue output 4 ... 20 mA or 0 ... 10 V as well asthe weightlimit
function with three potential-free contacts. Interestingfunctions of the Counting  Scale are item-counting, percentage -calculation, formulation
weighing, animal weighing, statisticalweighing, summation function, threshold function, various weighingfunctions etc. The Counting Scale can
operate by battery as well as viaadapter, and is also applicable for mobile weighing tasks. Via theoptional ProCell software you can import the
weighing data of the Counting Scale into any system, where the data can be fed-in bykeypress, such as Excel, Word, DHL, SAP etc. since the
softwaresimulates a manual data feed-in.
Item counting function
8 different weighing units
Weight compare in percentage %
Filter (response time) adjustable
Animal weighing function
Max. weighing
Tolerance determination min / ok / max
Summation of several weighing values
Statistic evaluation
Formulation weighing
Adjustable RS232 and USB interface
Bi-directional interface
Printer language Line Mode and EPL2
Background lights of display adjustable
Automatic switch-off adjustable
Operation by adapter or batteries
Battery recharge directly within scale
External calibration (any weight)
Configurable menu
Analogue / Switching contact optional


Similar Part No. - PCE-TB1

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-TB15 PCE-PCE-TB15 Datasheet
176Kb / 2P
Counting Scales PCE-TB 15
PCE-TB15C PCE-PCE-TB15C Datasheet
294Kb / 3P
Benchtop Scales PCE-TB15C
More results

Similar Description - PCE-TB1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DS1046 ETC-DS1046 Datasheet
286Kb / 3P
TB motor properties
logo
Bourns Electronic Solut...
CT-23 BOURNS-CT-23 Datasheet
187Kb / 1P
Turns-Counting Dial
H-550 BOURNS-H-550 Datasheet
26Kb / 1P
Turns-Counting Dial
H-490 BOURNS-H-490 Datasheet
323Kb / 1P
Turns-Counting Dial
CT-23 BOURNS-CT-23_07 Datasheet
191Kb / 1P
Turns-Counting Dial
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
Extech Instruments Corp...
SC600 EXTECH-SC600 Datasheet
412Kb / 1P
Electronic Counting Scale/Balance
logo
DIWELL Electronics Co.,...
TB-I2C DIWELL-TB-I2C Datasheet
259Kb / 3P
TB-I2C Test board
V1.0.0
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com