Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-VC21 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-VC21
Description  Vibration Analyzer Calibrator PCE-VC21
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-VC21 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-VC21 Datasheet HTML 1Page - PCE Instruments. PCE-VC21 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Adjustable vibration frequencies and vibration amplitudes
Frequency (Hz)
15.92 40 80 159.2 320 640 1280
Acceleration RMS (m/s²)
1
2
1
2
5
1
2
5
10
1
2
5
10
20
1
2
5
10
20
1
2
5
10
20
1
2
5
10
20
Velocity RMS (mm/s) 
10
20
-
-
1
2
5
10
20
-
-
-
Displacement RMS (µm)
100
200
-
-
1
2
5
10
20
-
-
-
Max. sensor weight (g), depending on acceleration
at 1 m/s²
-
500 500 500 500
500 500 500
at 2 m/s²
-
500 500 500 500
500 500 500
at 5 m/s²
-
-
500 500 500
500 500 500
at 10 m/s²
600 -
-
500 500
500 400 200
at 20 m/s²
-
-
-
-
250
200 100 50
Amplitude accuracy
± 3 % (0 ... 40 °C / 32 ... 100 °F)
± 5 % (-10 ... 55 °C / 14 ... 130 °F)
Frequency accuracy
± 0.05 %
Settling time
< 10 seconds
Level indication
Error percentage (%) display, above ± 3 %
audible alert
Max. weight of test object for stated
accuracy
600 g / 1.32 lb
Dynamic force of vibration exciter
10 N
Max. tightening torque of vibration
exciter
2 Nm
Operating humidity range
< 90 % at 30 °C / 86 °F, non-condensing
Power supply
Built-in NiMH rechargeable battery, 7.2 V /
1.6 Ah
Max. operating hours with
rechargeable battery
Approx. 5 hours at a weight of 100 g / 0.22
lb
Charging time
Approx. 4 hours
Charging status
Bar indicator
Automatic power off
10 minutes / 1 ... 30 minutesadjustable
Stray magnetic field at the vibration
head
< 0.2 mT
Dimensions (L x W x H)
Approx. 100 x 100 x 120 mm / 3.9 x 3.9 x
4.7"
Weight
Approx. 2200 g / 4.9 lbs
See user manual for complete technical specifications.
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com