Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-VC21 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-VC21
Description  Vibration Analyzer Calibrator PCE-VC21
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-VC21 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-VC21 Datasheet HTML 1Page - PCE Instruments. PCE-VC21 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Vibration Analyzer Calibrator PCE-VC21
PCE-VC21 Vibration Analyzer Calibrator
For vibration acceleration, velocity and displacement / Adjustable vibration frequencies and amplitudes (RMS)
PCE-VC21 is a vibration analyzer calibrator used to calibrate vibration sensors, meters, analyzers and testers. Suitable for calibrating equipment
weighing up to 600 g (1.32 lb), this vibration calibrator generates mechanical vibrations with adjustable quartz-stabilized vibration frequencies
between 15.92 and 1280 Hz and adjustable vibration amplitudes between 1 m/s² and 20 m/s².
PCE-VC21 features load-independent vibration magnitude with:
7 adjustable vibration frequencies
5 adjustable vibration amplitudes
These adjustable vibration frequencies and amplitudes allow for the calibration of low-frequency vibration sensors such as those in structural
vibration meters in line with DIN 4150-3 and in human vibration meters according to ISO 8041.
A control circuit and reference accelerometer inside the excitation or shaker head work in tandem to keep the vibration level constant. A
display indicates the error percentage (%). The error % represents the deviation of the target value from the measured amplitude. In settled
conditions, the display should come close to 0.0 % if the calibration is correct. If the error % is above 3 %, the device sounds an audible alert to
indicate that the error limit is exceeded. In addition, the vibration calibrator switches off automatically in case of overload. Sensors can be
connected via magnet or thread. A thread adapter is included in the delivery contents to accommodate M3, M5, M8, 1/4"-28 and UNF 10-32
threads.
The vibration calibrator has many versatile features for field and laboratory use, including a built-in rechargeable battery, battery-saving
automatic power-off function, battery charge indicator and AC power adapter for charging. In addition, the supplied carrying case allows for
convenient handling and safe transport.
Adjustable vibration frequencies and amplitudes (RMS)
Ideal for low-frequency calibration (DIN 415-3 and ISO 8041)
For vibration acceleration, velocity and displacement
Load-independent vibration magnitude
Display shows frequency, amplitude, error percentage (%) and date of last calibration
Sounds an alert if error limit exceeded
Designed for use in the laboratory as well as the field


Similar Part No. - PCE-VC21

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-VA11 PCE-PCE-VA11 Datasheet
374Kb / 2P
Air and Temperature Meter PCE-VA 11
PCE-VA20 PCE-PCE-VA20 Datasheet
366Kb / 2P
Multifunction Airflow Test Instrument PCE-VA 20
PCE-VA20-SET PCE-PCE-VA20-SET Datasheet
350Kb / 2P
Multifunction Air Velocity Meter with Capture Hoods PCE- VA 20-SET
PCE-VD3 PCE-PCE-VD3 Datasheet
2Mb / 2P
Accelerometer PCE-VD 3
PCE-VD3-ICA PCE-PCE-VD3-ICA Datasheet
1Mb / 2P
Condition Monitoring Vibration Meter PCE-VD 3-ICAincl. ISO Calibration Cert.
More results

Similar Description - PCE-VC21

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
LCD Module Calibrator
November 14, 2006
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
412400 EXTECH-412400 Datasheet
133Kb / 8P
Multifunction Process Calibrator
IRC350 EXTECH-IRC350 Datasheet
88Kb / 8P
Infrared Calibrator
logo
Agilent(Hewlett-Packard...
5530 HP-5530 Datasheet
1Mb / 14P
Dynamic Calibrator
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-VT3800 PCE-PCE-VT3800 Datasheet
177Kb / 2P
Vibration Analyzer
PCE-VT3900 PCE-PCE-VT3900 Datasheet
189Kb / 2P
Vibration Analyzer
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com