Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF1179CU Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF1179CU
Description  4-digit duplex LCD car clock
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF1179CU Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF1179CU Datasheet HTML 2Page - NXP Semiconductors PCF1179CU Datasheet HTML 3Page - NXP Semiconductors PCF1179CU Datasheet HTML 4Page - NXP Semiconductors PCF1179CU Datasheet HTML 5Page - NXP Semiconductors PCF1179CU Datasheet HTML 6Page - NXP Semiconductors PCF1179CU Datasheet HTML 7Page - NXP Semiconductors PCF1179CU Datasheet HTML 8Page - NXP Semiconductors PCF1179CU Datasheet HTML 9Page - NXP Semiconductors PCF1179CU Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1997 Apr 16
6
Philips Semiconductors
Product specification
4-digit duplex LCD car clock
PCF1179C
12/24-hour mode
Operation in 12-hour or 24-hour mode is selected by
connecting MODE to VDD or VSS respectively. If MODE is
left open-circuit and a reset occurs, the mode will change
from 12-hour to 24-hour mode or vice versa.
Power-on
After connecting the supply, the start-up mode is:
MODE connected to VDD: 12-hour mode, 1:00 AM.
MODE connected to VSS: 24-hour mode, 0:00.
MODE left open-circuit: 24-hour mode, 0:00 or 1:00.
Colon
If FLASH is connected to VDD the colon pulses at 1 Hz.
If FLASH is connected to VSS the colon is static.
Time setting
Switch inputs S1 and S2 have a pull-up resistor to facilitate
the use of single-pole, single-throw contacts. A debounce
circuit is incorporated to protect against contact bounce
and parasitic voltages.
Set enable
Inputs S1 and S2 are enabled by connecting ENABLE to
VDD or disabled by connecting to VSS.
Set hours
When S1 is connected to VSS the hours displayed
advances by one and after one second continues with four
advances per second until S1 is released
(auto-increment). An overflow in the hour counter must not
have an influence on the minute counter.
Set minutes
When S2 is connected to VSS the time displayed in
minutes advances by one and after one second continues
with four advances per second until S2 is released
(auto-increment). In addition to minute correction, the
seconds counter is reset to zero. An overflow in the minute
counter must not have an influence on the hour counter.
Segment test/reset
When S1 and S2 are connected to VSS, all LCD segments
are switched ON. Releasing switches S1 and S2 resets the
display. No reset occurs when DATA is connected to VSS
(overlapping S1 and S2).
Test mode
When TS is connected to VDD, the device is in normal
operating mode. When connecting TS to VSS all counters
(seconds, minutes and hours) are stopped, allowing quick
testing of the display via S1 and S2 (debounce and
auto-increment times are 64 times faster). TS has a
pull-up resistor but for reasons of safety it should be
connected to VDD.
EEPROM
VPP has a pull-up resistor but for reasons of safety it should
be connected to VDD.
LCD voltage programming
To enable LCD voltage programming, SEL is set to
open-circuit and a level of VDD − 5 V is applied to VPP (see
Fig.6). The first pulse (tE) applied to the DATA input clears
the EEPROM to give the lowest voltage output. Further
pulses (tL) will increment the output voltage by steps of
typically 150 mV (Tamb =25 °C). For programming,
measure VDD − VSS and apply a store pulse (tW) when the
required value is reached. If the maximum number of steps
(n = 31) is reached and an additional pulse is applied the
voltage will return to the lowest value.
Time calibration
To compensate for the tolerance in the quartz crystal
frequency which has been positively offset (nominal
deviation +60
× 10−6 by capacitors at the oscillator input
and output, a number (n) of 262144 Hz pulses are
inhibited every second of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com