Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF1179CU Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF1179CU
Description  4-digit duplex LCD car clock
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF1179CU Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF1179CU Datasheet HTML 9Page - NXP Semiconductors PCF1179CU Datasheet HTML 10Page - NXP Semiconductors PCF1179CU Datasheet HTML 11Page - NXP Semiconductors PCF1179CU Datasheet HTML 12Page - NXP Semiconductors PCF1179CU Datasheet HTML 13Page - NXP Semiconductors PCF1179CU Datasheet HTML 14Page - NXP Semiconductors PCF1179CU Datasheet HTML 15Page - NXP Semiconductors PCF1179CU Datasheet HTML 16Page - NXP Semiconductors PCF1179CU Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1997 Apr 16
13
Philips Semiconductors
Product specification
4-digit duplex LCD car clock
PCF1179C
APPLICATION INFORMATION
Fig.8 Typical application diagram.
(1) To be mounted close to the IC.
andbook, full pagewidth
MSB234
OSC IN
OSC OUT
3
4
OSCILLATOR
AM/PM
COUNTER
HOURS
COUNTER
MINUTES
COUNTER
SECONDS
COUNTER
ADJUSTABLE
DIVIDER
EEPROM
CONTROL
LOGIC
VOLTAGE
REGULATOR
7
VPP
11
FLASH
8TS
9
ENABLE
S1
S2
1
DATA
SEL
12
2
13
6
5
VSS
MODE
DECODER
DECODER
BP1
28
26
14
segment drivers
to LCD
PCF1179C
12 V
6.8 k
Ω
I DD
(1)
100 nF
VDD
C ext
47
µF
BP2
27
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com