Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP67 Datasheet(PDF) 1 Page - STEGO Elektrotechnik GmbH

Part # IP67
Description  PRESSURE COMPENSATION DEVICE (STAINLESS STEEL/ALUMINIUM)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEGO [STEGO Elektrotechnik GmbH]
Direct Link  https://en.stego.de/home
Logo STEGO - STEGO Elektrotechnik GmbH

IP67 Datasheet(HTML) 1 Page - STEGO Elektrotechnik GmbH

  IP67 Datasheet HTML 1Page - STEGO Elektrotechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
103
STEGO - PRODUCT CATALOGUE
ACCESSORIES
TECHNICAL DATA
Torque
5 Nm
Depth in enclosure
approx. 9 mm
Sealing
sealing gasket NBR
Filter
waterproof membrane
Dimensions
M40: Ø 58 x 31 mm, M12: Ø 17 x 21 mm
Fitting position
variable
Operating/Storage temperature
-35 to +80 °C (-31 to +176 °F)
Approvals
EAC
Note
Material adheres to limit values in accordance with RoHS3
Installation: Make cut-out Ø 40.5+0,5 mm for size M40/ Ø 12+ 0,2 mm for size M12 in enclosure wall and mount pressure compen-
sation device with nut. Please make sure that the sealing gasket is put in place on the outer side panel of the enclosure.
In enclosures and housings with a high protection class, differential pressure happens due to internal and exter-
nal temperature changes. In the event of negative pressure, dust and humidity can be drawn into the enclosure
through the seals on the doors. This can cause condensation when the air in the enclosure cool down. The easy-to-
fit DA 284 pressure compensation device enables pressure compensation with protection class IP66 (M12: IP66/
IP68). Additionally, the watertight membrane inside the pressure compensation device allows humidity to escape
from the cabinet at overpressure, while preventing water, humidity or dirt intrusion at under pressure.
> High degree of protection
> Waterproof membrane
> Corrosion resistant
> Food safe
Photo: M40 in stainless steel
PRESSURE COMPENSATION DEVICE (STAINLESS STEEL/ALUMINIUM)
DA 284 | IP66 / IP67
Art. No.
Thread
Material
Protection type
Air permeability
1 packaging unit
Weight (approx.)
28401.0-00
M40 x 1,5
V2A (DIN 1.4305 / AISI 303)1
IP66 (EN 60529) / IPX9K (EN 40050-9)
1.200 l/h
1 piece
0,2 kg
28401.0-02
M40 x 1,5
V4A (DIN 1.4404 / AISI 316L)
IP66 (EN 60529) / IPX9K (EN 40050-9)
1.200 l/h
1 piece
0,2 kg
28404.0-00
M12 x 1,5
Nickel-plated aluminum2
IP67
220 l/h
1 piece
0,009 kg
1
V2A is not sea waterproof
2
Corrosion test according to ISO 9227:2017
Photo: M12 in aluminium
103
TECHNICAL DATASHEET


Similar Part No. - IP67

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
IP67 ROSENBERGER-IP67 Datasheet
57Kb / 2P
7/16 STRAIGHT PLUG
logo
List of Unclassifed Man...
IP67 ETC-IP67 Datasheet
2Mb / 4P
Increase outdoor enclosure durability in harsh environments
2011 - 2016
logo
Bel Fuse Inc.
IP67 BEL-IP67 Datasheet
3Mb / 7P
IP68 Waterproof Connectors and Adapters
logo
List of Unclassifed Man...
IP67 ETC-IP67 Datasheet
6Mb / 16P
IP67 DIE-Cast Aluminium Enclosures With EPDM Continuous Seal
01/04/20 V1.0
logo
STEGO Elektrotechnik Gm...
IP67 STEGO-IP67 Datasheet
1Mb / 1P
VENTILATION CABLE GLAND
15.09.2023
More results

Similar Description - IP67

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
Precision stainless steel pressure transmitters
BTE6001A0 SENSORTECHNICS-BTE6001A0 Datasheet
122Kb / 8P
Precision stainless steel pressure transmitters
RTOP003A1 SENSORTECHNICS-RTOP003A1 Datasheet
190Kb / 6P
Stainless steel pressure sensors
HYD0X1G4CXSE SENSORTECHNICS-HYD0X1G4CXSE Datasheet
70Kb / 4P
Submersible precision stainless steel pressure transmitters
logo
Honeywell Solid State E...
ST005PG2BPCF HONEYWELL-ST005PG2BPCF Datasheet
220Kb / 4P
Stainless Steel Pressure Sensors
ST150PG2SPGF HONEYWELL-ST150PG2SPGF Datasheet
220Kb / 4P
Stainless Steel Pressure Sensors
logo
Honeywell Accelerometer...
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
SSIB001-GU9AH5 SENSORTECHNICS-SSIB001-GU9AH5 Datasheet
106Kb / 7P
Amplified stainless steel pressure sensors
SSO-B001G8FH SENSORTECHNICS-SSO-B001G8FH Datasheet
79Kb / 6P
Compensated stainless steel pressure sensors
logo
BELIMO AIRCONTROLS (USA...
EXT-RP-SSRPV BELIMO-EXT-RP-SSRPV Datasheet
174Kb / 1P
STAINLESS STEEL PRESSURE PICKUP PORT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com