Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2103EU Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF2103EU
Description  LCD controllers/drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2103EU Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF2103EU Datasheet HTML 20Page - NXP Semiconductors PCF2103EU Datasheet HTML 21Page - NXP Semiconductors PCF2103EU Datasheet HTML 22Page - NXP Semiconductors PCF2103EU Datasheet HTML 23Page - NXP Semiconductors PCF2103EU Datasheet HTML 24Page - NXP Semiconductors PCF2103EU Datasheet HTML 25Page - NXP Semiconductors PCF2103EU Datasheet HTML 26Page - NXP Semiconductors PCF2103EU Datasheet HTML 27Page - NXP Semiconductors PCF2103EU Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
1998 May 11
24
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2103 family
8.8
Set DDRAM address
‘Set DDRAM address’ sets the DDRAM address ADD into
the address counter (binary A[6] to A[0]). Data can then be
written to or read from the DDRAM.
8.9
Read busy flag and address counter
‘Read busy flag and address counter’ reads the Busy Flag
(BF) and Address Counter (AC). BF = 1 indicates that an
internal operation is in progress. The next instruction will
not be executed until BF = 0, so BF should be checked
before sending another instruction.
At the same time, the value of the address counter
expressed in binary A[6] to A[0] is read out. The address
counter is used by both CGRAM and DDRAM, and its
value is determined by the previous instruction.
8.10
Write data to CGRAM or DDRAM
‘Write data’ writes binary 8-bit data D[7] to D[0] to the
CGRAM or the DDRAM.
Whether the CGRAM or DDRAM is to be written into is
determined by the previous ‘set CGRAM address’ or ‘set
DDRAM address’ command. After writing, the address
automatically increments or decrements by 1, in
accordance with the entry mode. Only bits D[4] to D[0] of
CGRAM data are valid, bits D[7] to D[5] are ‘don’t care’.
8.11
Read data from CGRAM or DDRAM
‘Read data’ reads binary 8-bit data D[7] to D[0] from the
CGRAM or DDRAM.
The most recent ‘set address’ command determines
whether the CGRAM or DDRAM is to be read.
The ‘read data’ instruction gates the content of the Data
Register (DR) to the bus while pin E is HIGH. After pin E
goes LOW again, internal operation increments (or
decrements) the AC and stores RAM data corresponding
to the new AC into the DR.
It should be noted that there are only three instructions that
update the Data Register (DR). These are:
• ‘set CGRAM address’
• ‘set DDRAM address’
• ‘read data’ from CGRAM or DDRAM.
Other instructions (e.g. ‘write data’, ‘cursor/display shift’,
‘clear display’, ‘return home’) do not modify the data
register content.
8.12
Extended function set instructions and
features
8.12.1
NEW INSTRUCTIONS
H = 1 sets the chip into alternate instruction set mode.
8.12.2
ICON CONTROL
The PCF2103 can drive up to 120 icons. See Fig.14 for
CGRAM to icon mapping.
8.12.3
IM
When IM = 0 the chip is in character mode. In character
mode characters and icons are driven (mux 1 : 18).
When IM = 1 the chip is in icon mode. In icon mode only
the icons are driven (mux 1 : 2).
8.12.4
IB
Icon blink control is independent of the cursor/character
blink function.
When IB = 0 icon blink is disabled. Icon data is stored in
CGRAM character 0 to 2 (3
× 8 × 5 = 120 bits for
120 icons).
When IB = 1 icon blink is enabled. In this case each icon is
controlled by two bits. Blink consists of two half phases
(corresponding to the cursor on and off phases called even
and odd phases hereafter).
Icon states for the even phase are stored in CGRAM
characters 0 to 2 (3
× 8 × 5 = 120 bits for 120 icons).
These bits also define the icon state when the icon blink is
not used.
Icon states for the odd phase are stored in CGRAM
character 4 to 6 (another 120 bits for the 120 icons). When
icon blink is disabled CGRAM characters 4 to 6 may be
used as normal CGRAM characters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com