Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2103EU Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCF2103EU
Description  LCD controllers/drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2103EU Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCF2103EU Datasheet HTML 29Page - NXP Semiconductors PCF2103EU Datasheet HTML 30Page - NXP Semiconductors PCF2103EU Datasheet HTML 31Page - NXP Semiconductors PCF2103EU Datasheet HTML 32Page - NXP Semiconductors PCF2103EU Datasheet HTML 33Page - NXP Semiconductors PCF2103EU Datasheet HTML 34Page - NXP Semiconductors PCF2103EU Datasheet HTML 35Page - NXP Semiconductors PCF2103EU Datasheet HTML 36Page - NXP Semiconductors PCF2103EU Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
1998 May 11
33
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2103 family
12 DC CHARACTERISTICS
VDD = 1.8 to 5.5 V; VSS =0V; VLCD = 2.2 to 6.5 V; Tamb = −40 to +85 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDD
supply voltage
1.8
−
5.5
V
VLCD
LCD supply voltage
2.2
−
6.5
V
ISS
supply current
note 1
−
60
120
µA
VDD =3V; VLCD =5V;
notes 1 and 2
−
45
80
µA
icon mode; VDD =3V;
VLCD = 2.5 V;
notes 1 and 2
−
25
45
µA
power-down mode;
VDD =3V; VLCD = 2.5 V;
DB7 to DB0,
RS and R/W=1;
OSC = 0; PD = 1; note 1
−
26
µA
VPOR
power-on reset voltage
note 3
−
1.3
1.6
V
Logic
VIL
LOW-level input voltage on
pins T1, E, RS, R/W,
DB7 to DB0 and SA0
0
−
0.3VDD
V
VIH
HIGH-level input voltage on
pins T1, E, RS, R/W,
DB7 to DB0 and SA0
0.7VDD
−
VDD
V
VIL(PD)
LOW-level input voltage on
pin PD
0
−
0.2VDD
V
VIH(PD)
HIGH-level input voltage on
pin PD
0.8VDD
−
VDD
V
VIL(OSC)
LOW-level input voltage on
pin OSC
0
−
VDD − 1.5 V
VIH(OSC)
HIGH-input voltage on pin OSC
VDD − 0.1 −
VDD
V
IOL(DB)
LOW-level output current on
pins DB7 to DB0
VOL = 0.4 V; VDD = 5 V
1.6
4
−
mA
IOH(DB)
HIGH-level output current on
pins DB7 to DB0
VOH =4V; VDD =5V
−1
−8
−
mA
Ipu
pull-up current on
pins DB7 to DB0
VI =VSS
0.04
0.12
1
µA
IL
leakage current on pins OSC, E,
RS, R/W, DB7 to DB0 and SA0
VI =VDD or VSS
−1
−
+1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com