Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED122 Datasheet(PDF) 1 Page - STEGO Elektrotechnik GmbH

Part # LED122
Description  VARIOLINE LAMP WITH SOCKET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEGO [STEGO Elektrotechnik GmbH]
Direct Link  https://en.stego.de/home
Logo STEGO - STEGO Elektrotechnik GmbH

LED122 Datasheet(HTML) 1 Page - STEGO Elektrotechnik GmbH

  LED122 Datasheet HTML 1Page - STEGO Elektrotechnik GmbH LED122 Datasheet HTML 2Page - STEGO Elektrotechnik GmbH LED122 Datasheet HTML 3Page - STEGO Elektrotechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
90
100
PRODUCT CATALOGUE - STEGO
LIGHTING
VARIOLINE LAMP WITH SOCKET
LED 121/122
The LED 121/122 Varioline is a powerful and compact LED lamp with integrated socket for use in enclosures.
Featuring socket standards of many European countries as well as the US and Australia, it allows for the power
connection of laptops and diagnostic devices. Its LED tube emits more than 1,000/1,700 Lm thereby illuminating
even very large enclosures in their full depth and height. The glare-free, 120° rotatable light tube uses Mid-power
LEDs with a service life of 60,000 h.
> High luminous flux
> Integrated socket
> Durable and maintenance free
LED technology
> Integrated power unit
> Daisy chain
> On/off switch, movement sensor or
connection for external door switch
LED 121
On/off switch and
screw fixing
LED 121/122
magnet/screw
fixing
LED 121/122
side view
View of magnet fixing
LED 121 (Size 1)
L1 = 500 mm
L2 = 475 mm
LED 122 (Size 2)
L1 = 700 mm
L2 = 675 mm
View of screw fixing
LED 122
Movement sensor and
magnet fixing
TECHNICAL DATA
Power consumption
max. 10 W/15 W
Operating voltage
AC 220 - 240 V, 50/60 Hz (min. AC 200 V, max. AC 265 V)
AC 120 V, 50/60 Hz (min. AC 110 V, max. AC 130 V)
Luminous flux
1,080 Lm/1,730 Lm
Lamp type
LED, angle of radiation 120°
light color: daylight, color temperature: 6,500 K
Service life
60,000 h at +20 °C (+68 °F)
Connection
3-pole connector with snap lock
AC: max. 16 A / AC 240 V, color: white
Mounting
magnet fixing or screw fixing (M5), torque 2 Nm max.
Casing
plastic, translucent
Dimensions
see drawings
Weight
approx. 0.3 kg/0.4 kg
Operating/Storage temperature
-40 to +40 °C (-40 to +104 °F) / -40 to +85 °C (-40 to +185 °F)
Operation/Storage humidity
max. 90 % RH (non-condensing)
Protection type/Protection class
IP20 / I (earthed)
Mounting options: The lamps are available with magnet fixing for easy positioning in any steel cabinet or enclosure.
A classic is the LED 121/122 with screw fixing. With a total rotation angle of 120° it provides perfect illumination.
Note: The lamp must not be used for household lighting.
90TECHNICAL DATASHEET


Similar Part No. - LED122

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED12-C2 ETC2-LED12-C2 Datasheet
164Kb / 2P
LED Protoboards
logo
Roithner LaserTechnik G...
LED1200 ROITHNER-LED1200 Datasheet
1Mb / 8P
Infrared LED
logo
List of Unclassifed Man...
LED1200-35M32 ETC1-LED1200-35M32 Datasheet
70Kb / 1P
Stem type LED with high output powe
logo
Roithner LaserTechnik G...
LED1200-66-60 ROITHNER-LED1200-66-60 Datasheet
118Kb / 1P
High Power LED Array
logo
List of Unclassifed Man...
LED12W-12 ETC2-LED12W-12 Datasheet
619Kb / 2P
Switch Mode LED Drivers Constant Current & Constant Voltage with Isolation Black Magic Thermal Advantage??Plastic Housing
More results

Similar Description - LED122

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
22-3 GRAYHILL-22-3 Datasheet
36Kb / 1P
TRANSISTOR SOCKET FEATURES LAMP SOCKET FEATURES
logo
Mill-Max Mfg. Corp.
326-41-103-41-001000 MILL-MAX-326-41-103-41-001000 Datasheet
124Kb / 3P
Interconnect Socket Wrapost with Solder Tail Socket
326-41-106-41-001000 MILL-MAX-326-41-106-41-001000 Datasheet
124Kb / 3P
Interconnect Socket Wrapost with Solder Tail Socket
326-41-111-41-001000 MILL-MAX-326-41-111-41-001000 Datasheet
124Kb / 3P
Interconnect Socket Wrapost with Solder Tail Socket
326-41-115-41-001000 MILL-MAX-326-41-115-41-001000 Datasheet
124Kb / 3P
Interconnect Socket Wrapost with Solder Tail Socket
326-41-120-41-001000 MILL-MAX-326-41-120-41-001000 Datasheet
124Kb / 3P
Interconnect Socket Wrapost with Solder Tail Socket
326-41-122-41-001000 MILL-MAX-326-41-122-41-001000 Datasheet
124Kb / 3P
Interconnect Socket Wrapost with Solder Tail Socket
326-41-127-41-001000 MILL-MAX-326-41-127-41-001000 Datasheet
124Kb / 3P
Interconnect Socket Wrapost with Solder Tail Socket
326-41-131-41-001000 MILL-MAX-326-41-131-41-001000 Datasheet
124Kb / 3P
Interconnect Socket Wrapost with Solder Tail Socket
logo
PHOENIX CONTACT
2941523 PHOENIX-2941523 Datasheet
121Kb / 4P
Rail-mountable double socket, with glow lamp, green housing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com