Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED122 Datasheet(PDF) 3 Page - STEGO Elektrotechnik GmbH

Part # LED122
Description  VARIOLINE LAMP WITH SOCKET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STEGO [STEGO Elektrotechnik GmbH]
Direct Link  https://en.stego.de/home
Logo STEGO - STEGO Elektrotechnik GmbH

LED122 Datasheet(HTML) 3 Page - STEGO Elektrotechnik GmbH

  LED122 Datasheet HTML 1Page - STEGO Elektrotechnik GmbH LED122 Datasheet HTML 2Page - STEGO Elektrotechnik GmbH LED122 Datasheet HTML 3Page - STEGO Elektrotechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
92
1
2
3
1
3
2
19,2
40
51,2
19,2
PRODUCT CATALOGUE - STEGO
ACCESSORIES LED 121/122
Connetors and cables for electrical connection are not included in the delivery of the LED 121/122. These parts can be ordered separately.
Sets, consisting of lamp and accessories, are available on request. Likewise, custom cables are available on request.
Art. No.
Model
Length
Color
Use for
Approvals²
244422
connection cable 3 x 1.5 mm² with female connector
4.0 m
connector: white; cable: white
power input
VDE
244423
connection cable 3 x AWG 16 with female connector
4.0 m
connector: white; cable: white
power input
VDE + UL
² applies only to the individual components (cable and connectors)
Art. No.
Model
Length
Color
Use for
Approvals²
244358
extension cable 2 x 1.5 mm² with 2 connectors
1.0 m
connectors: white; cable: white
daisy chain
VDE
244359
extension cable 2 x AWG 16 with 2 connectors
1.0 m
connectors: white; cable: white
daisy chain
VDE + UL
² applies only to the individual components (cable and connectors)
Art. No.
Model
Length
Color
Use for
Approvals²
244424
connection cable 2 x 1.5 mm² with male connector
0.6 m
male connector: grey; cable: white
power output
VDE
244425
connection cable 2 x AWG 16 with male connector
0.6 m
male connector: grey; cable: white
power output
VDE + UL
² applies only to the individual components (cable and connectors)
CONNECTION CABLE WITH FEMALE CONNECTOR AND OPEN END
EXTENSION CABLE WITH 2 CONNECTORS FOR DAISY CHAIN CONNECTION
CONNECTION CABLE WITH MALE CONNECTOR AND OPEN END
Photo: Extension cable, Art. No. 244358
Photo: Connection cable, Art. No. 244422
Photo: Connection cable, Art. No. 244424
LAMP-SET WITH FEMALE CONNECTOR
FEMALE / MALE CONNECTORS
Art. No.
Model
Voltage type
Color
Use for
Wire cross-section1
Approvals
264093
female connector
AC
white
power input
and daisy chain
0,75-2,5 mm2 (AWG 14-18)
VDE + UL
264091
female connector
AC
white
power input
0,75-2,5 mm2 (AWG 14-18)
VDE + UL
264090
male connector
AC
grey
door switch
0,5-2,5 mm2 (AWG 14-20)
VDE + UL
1
applies to rigid and stranded wire. Wire end ferrules must be used when connecting with stranded wires
Photo: Female connector,
Art. No. 264093
Photo: Female connector,
Art. No. 264091
Photo: Male connector,
Art. No. 264090
CONNECTION EXAMPLE
The lamps are conveniently connected via connection plugs - up to 8 lamps max. can be daisy-chained this way. Female/male connectors are also available to assemble cables
in non-standard lengths.
Varioline LED enclosure lamps are also available as a set including the connector Art. No. 264093. Simply add
-0003 to the article number of the required lamp.
For example: 12100.0-30
-0003. Sets for lamps with external door switch contain in addition the male connector 264090.
LIGHTING
92TECHNICAL DATASHEET



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com