Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCP152DEE Datasheet(PDF) 7 Page - STMicroelectronics

Part # LCP152DEE
Description  Programmable transient voltage suppressor for SLIC protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP152DEE Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LCP152DEE Datasheet HTML 3Page - STMicroelectronics LCP152DEE Datasheet HTML 4Page - STMicroelectronics LCP152DEE Datasheet HTML 5Page - STMicroelectronics LCP152DEE Datasheet HTML 6Page - STMicroelectronics LCP152DEE Datasheet HTML 7Page - STMicroelectronics LCP152DEE Datasheet HTML 8Page - STMicroelectronics LCP152DEE Datasheet HTML 9Page - STMicroelectronics LCP152DEE Datasheet HTML 10Page - STMicroelectronics LCP152DEE Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
LCP1521S/LCP152DEE
Technical information
7/11
imposed by the various country standards. Taking into account this fact the actual lightning
surge current flowing through the LCP is equal to:
I surge = V surge / (Rg + Rs)
With:
V surge = peak surge voltage imposed by the standard.
Rg = series resistor of the surge generator
Rs = series resistor of the line card (e.g. PTC)
e.g. For a line card with 30
Ω of series resistors which has to be qualified under GR1089
Core 1000V 10/1000 µs surge, the actual current through the LCP152 is equal to:
I surge = 1000 / (10 + 30) = 25 A
The LCP152 is particularly optimized for the new telecom applications such as the fiber in
the loop, the WLL, the remote central office. In this case, the operating voltages are smaller
than in the classical system. This makes the high voltage SLICs particularly suitable.
The schematics of Figure 7. give the most frequent topology used for these applications.
Figure 7.
Protection of high voltage SLIC
Rs (*) = PTC or fuse resistor
Gate
GND
GND
TIP
RING
-Vbat
LCP152xx
220nF
SLIC
Rs (*)
Rs (*)
Line
Line card
TIP
RING
GND
Figure 8.
Surge peak current versus overload
duration
Figure 9.
Relative variation of holding
current versus junction
temperature
I
(A)
TSM
0
4
8
12
16
20
24
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
t(s)
F=50Hz
Tj initial=25°C
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
0.7
0.8
0.9
1
1.1
1.2
1.3
T (°C)
j
I [T ] / I [T =25°C]
Hj
Hj



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com