Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCP152DEE Datasheet(PDF) 3 Page - STMicroelectronics

Part # LCP152DEE
Description  Programmable transient voltage suppressor for SLIC protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP152DEE Datasheet(HTML) 3 Page - STMicroelectronics

  LCP152DEE Datasheet HTML 1Page - STMicroelectronics LCP152DEE Datasheet HTML 2Page - STMicroelectronics LCP152DEE Datasheet HTML 3Page - STMicroelectronics LCP152DEE Datasheet HTML 4Page - STMicroelectronics LCP152DEE Datasheet HTML 5Page - STMicroelectronics LCP152DEE Datasheet HTML 6Page - STMicroelectronics LCP152DEE Datasheet HTML 7Page - STMicroelectronics LCP152DEE Datasheet HTML 8Page - STMicroelectronics LCP152DEE Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LCP1521S/LCP152DEE
Characteristics
3/11
Table 3.
Electrical characteristics (Tamb = 25° C)
Symbol
Parameter
IGT
Gate triggering current
IH
Holding current
IRM
Reverse leakage current LINE / GND
IRG
Reverse leakage current GATE / LINE
VRM
Reverse voltage LINE / GND
VGT
Gate triggering voltage
VF
Forward drop voltage LINE / GND
VFP
Peak forward voltage LINE / GND
VDGL
Dynamic switching voltage GATE / LINE
VRG
Reverse voltage GATE / LINE
C
Capacitance LINE / GND
Table 4.
Absolute ratings (Tamb = 25° C, unless otherwise specified)
Symbol
Parameter
Value
Unit
IPP
Peak pulse current
10/1000 µs
8/20 µs
10/560 µs
5/310 µs
10/160 µs
1/20 µs
2/10 µs
30
100
35
40
50
100
150
A
ITSM
Non repetitive surge peak on-state current
(50Hz sinusoidal)
t = 20 ms
t = 200 ms
t = 1 s
18
10
7
A
IGSM
Maximum gate current (50Hz sinusoidal)
t = 10 ms
2
A
VMLG
VMGL
Maximum voltage LINE/GND
Maximum voltage GATE/LINE
-40° C < Tamb < +85° C
-40° C < Tamb < +85° C
-150
-150
V
Tstg
Tj
Storage temperature range
Maximum junction temperature
-55 to +150
150
° C
TL
Maximum lead temperature for soldering during 10 s.
260
° C
Table 5.
Repetitive peak pulse current
Symbol
Definition
Example
tr
Rise time (µs)
Pulse waveform
10/1000 µs:
tr = 10 µs
tp = 1000 µs
tp
Pulse duration (µs)
VRM
VR
IPP
IH
IR
IRM
VF
I
V
100
50
%IPP
t
t
t
r
p
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com