Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCP152 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LCP152
Description  Programmable transient voltage suppressor for SLIC protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP152 Datasheet(HTML) 1 Page - STMicroelectronics

  LCP152 Datasheet HTML 1Page - STMicroelectronics LCP152 Datasheet HTML 2Page - STMicroelectronics LCP152 Datasheet HTML 3Page - STMicroelectronics LCP152 Datasheet HTML 4Page - STMicroelectronics LCP152 Datasheet HTML 5Page - STMicroelectronics LCP152 Datasheet HTML 6Page - STMicroelectronics LCP152 Datasheet HTML 7Page - STMicroelectronics LCP152 Datasheet HTML 8Page - STMicroelectronics LCP152 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
July 2006
Rev 5
1/11
11
LCP1521S/LCP152DEE
ASD (Application Specific Devices)
Programmable transient voltage suppressor for SLIC protection
Features
■ Dual programmable transient suppressor
■ Wide negative firing voltage range:
VMGL = -150 V max.
■ Low dynamic switching voltages:
VFP and VDGL
■ Low gate triggering current: IGT = 5 mA max
■ Peak pulse current: IPP = 30 A (10/1000 µs)
■ Holding current: IH = 150 mA min
■ Low space consuming package
Description
These devices have been especially designed
to protect new high voltage, as well as classical
SLICs, against transient overvoltages.
Positive overvoltages are clamped by 2 diodes.
Negative surges are suppressed by 2 thyristors,
their breakdown voltage being referenced to -VBAT
through the gate.
These components present a very low gate
triggering current (IGT) in order to reduce the
current consumption on printed circuit board
during the firing phase.
Benefits
TRISILs™ are not subject to ageing and provide a
fail safe mode in short circuit for a better level of
protection. Trisils are used to ensure equipment
meets various standards such as UL60950,
IEC950 / CSA C22.2, UL1459 and FCC part 68.
Trisils have UL94 V0 approved resin (Trisils are
UL497B approved [file: E136224]).
TM: TRISIL is a trademark of STMicroelectronics
Order codes
Figure 1.
LCP1521S Functional diagram
Figure 2.
LCP152DEE Functional diagram
Part Number
Marking
LCP1521S
CP152S
LCP1521SRL
CP152S
LCP152DEERL
LCP152
SO-8
LCP1521S
QFN 3x3 6 leads
LCP152DEE
TIP
GATE
NC
RING
TIP
GND
RING
GND
1
TIP
TIP
GATE
GND
NC
RING
RING
www.st.com


Similar Part No. - LCP152

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LCP1521 STMICROELECTRONICS-LCP1521 Datasheet
112Kb / 9P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Sep-1999
LCP1521S STMICROELECTRONICS-LCP1521S Datasheet
125Kb / 11P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
07-Jul-2006
LCP1521SRL STMICROELECTRONICS-LCP1521SRL Datasheet
125Kb / 11P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
07-Jul-2006
LCP152DEE STMICROELECTRONICS-LCP152DEE Datasheet
125Kb / 11P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
07-Jul-2006
LCP152DEERL STMICROELECTRONICS-LCP152DEERL Datasheet
125Kb / 11P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
07-Jul-2006
More results

Similar Description - LCP152

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3121B STMICROELECTRONICS-L3121B Datasheet
60Kb / 7P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
May-1999
LCDP1521 STMICROELECTRONICS-LCDP1521 Datasheet
94Kb / 8P
DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Mar-2002
LCP150S STMICROELECTRONICS-LCP150S Datasheet
59Kb / 6P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Feb-1998
LCP1511D STMICROELECTRONICS-LCP1511D Datasheet
64Kb / 7P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Feb-1998
LCP1521 STMICROELECTRONICS-LCP1521 Datasheet
112Kb / 9P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Sep-1999
LCP1521S STMICROELECTRONICS-LCP1521S Datasheet
125Kb / 11P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
07-Jul-2006
LCDP1521 STMICROELECTRONICS-LCDP1521_06 Datasheet
118Kb / 11P
Dual line programmable transient voltage suppressor for SLIC protection
07-Feb-2006
LCP1511DRL STMICROELECTRONICS-LCP1511DRL Datasheet
166Kb / 7P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Oct-2003
LCP1531RL STMICROELECTRONICS-LCP1531RL Datasheet
153Kb / 10P
Programmable transient voltage suppressor for SLIC protection
27-Aug-2013
LCP154DJF STMICROELECTRONICS-LCP154DJF Datasheet
302Kb / 13P
Programmable transient voltage suppressor for SLIC protection
25-Sep-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com