Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2116 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF2116
Description  LCD controller/drivers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2116 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF2116 Datasheet HTML 1Page - NXP Semiconductors PCF2116 Datasheet HTML 2Page - NXP Semiconductors PCF2116 Datasheet HTML 3Page - NXP Semiconductors PCF2116 Datasheet HTML 4Page - NXP Semiconductors PCF2116 Datasheet HTML 5Page - NXP Semiconductors PCF2116 Datasheet HTML 6Page - NXP Semiconductors PCF2116 Datasheet HTML 7Page - NXP Semiconductors PCF2116 Datasheet HTML 8Page - NXP Semiconductors PCF2116 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
1997 Apr 07
2
Philips Semiconductors
Product specification
LCD controller/drivers
PCF2116 family
CONTENTS
1
FEATURES
2
APPLICATIONS
3
GENERAL DESCRIPTION
3.1
Packages
4
ORDERING INFORMATION
5
BLOCK DIAGRAM
6
PINNING
7
PIN FUNCTIONS
7.1
RS: register select (parallel control)
7.2
R/W: read/write (parallel control)
7.3
E: data bus clock
7.4
DB0 to DB7: data bus
7.5
C1 to C60: column driver outputs
7.6
R1 to R32: row driver outputs
7.7
VLCD: LCD power supply
7.8
V0: VLCD control input
7.9
OSC: oscillator
7.10
SCL: serial clock line
7.11
SDA: serial data line
7.12
SA0: address pin
7.13
T1: test pad
8
FUNCTIONAL DESCRIPTION
8.1
LCD supply voltage generator, PCF2114x and
PCF2116x
8.2
LCD supply voltage generator, PCF2116K
8.3
Character generator ROM (CGROM)
8.4
LCD bias voltage generator
8.5
Oscillator
8.6
External clock
8.7
Power-on reset
8.8
Registers
8.9
Busy Flag
8.10
Address Counter (AC)
8.11
Display data RAM (DDRAM)
8.12
Character generator ROM (CGROM)
8.13
Character generator RAM (CGRAM)
8.14
Cursor control circuit
8.15
Timing generator
8.16
LCD row and column drivers
8.17
Programming MUX 1 : 16 displays with the
PCF2114x
8.18
Programming MUX 1 : 32 displays with the
PCF2114x
8.19
Reset function
9
INSTRUCTIONS
9.1
Clear display
9.2
Return home
9.3
Entry mode set
9.4
Display on/off control
9.5
Cursor/display shift
9.6
Function set
9.7
Set CGRAM address
9.8
Set DDRAM address
9.9
Read busy flag and address
9.10
Write data to CGRAM or DDRAM
9.11
Read data from CGRAM or DDRAM
10
INTERFACE TO MICROCONTROLLER
(PARALLEL INTERFACE)
11
INTERFACE TO MICROCONTROLLER
(I2C-BUS INTERFACE)
11.1
Characteristics of the I2C-bus
11.2
Bit transfer
11.3
START and STOP conditions
11.4
System configuration
11.5
Acknowledge
11.6
I2C-bus protocol
12
LIMITING VALUES
13
HANDLING
14
DC CHARACTERISTICS
15
DC CHARACTERISTICS (PCF2116K)
16
AC CHARACTERISTICS
17
TIMING CHARACTERISTICS
18
APPLICATION INFORMATION
18.1
8-bit operation, 1-line display using internal
reset
18.2
4-bit operation, 1-line display using internal
reset
18.3
8-bit operation, 2-line display
18.4
I2C operation, 1-line display
18.5
Initializing by instruction
19
BONDING PAD LOCATIONS
20
PACKAGE OUTLINE
21
SOLDERING
22
DEFINITIONS
23
LIFE SUPPORT APPLICATIONS
24
PURCHASE OF PHILIPS I2C COMPONENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com