Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2116 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # PCF2116
Description  LCD controller/drivers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2116 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button PCF2116 Datasheet HTML 33Page - NXP Semiconductors PCF2116 Datasheet HTML 34Page - NXP Semiconductors PCF2116 Datasheet HTML 35Page - NXP Semiconductors PCF2116 Datasheet HTML 36Page - NXP Semiconductors PCF2116 Datasheet HTML 37Page - NXP Semiconductors PCF2116 Datasheet HTML 38Page - NXP Semiconductors PCF2116 Datasheet HTML 39Page - NXP Semiconductors PCF2116 Datasheet HTML 40Page - NXP Semiconductors PCF2116 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
1997 Apr 07
37
Philips Semiconductors
Product specification
LCD controller/drivers
PCF2116 family
Notes
1. LCD outputs are open-circuit; inputs at VDD or VSS; V0 =VDD; bus inactive; internal or external clock with duty cycle
50% (IDD1 only).
2. LCD outputs are open-circuit; LCD supply voltage generator is on; load current at VLCD =20 µA.
3. Resets all logic when VDD <VPOR.
4. When the voltages are above or below the supply voltages VDD or VSS, an input current may flow; this current must
not exceed
±0.5 mA.
5. Tested on sample basis.
6. Resistance of output terminals (R1 to R32 and C1 to C60) with load current = 150
µA; VOP =VDD − VLCD =9V;
outputs measured one at a time; (external VLCD).
7. LCD outputs open-circuit; external VLCD.
8. Maximum value occurs at 85
°C.
15 DC CHARACTERISTICS (PCF2116K)
VDD = 2.5 to 6 V; VSS =0V; VLCD =VDD − 3.5 to VDD − 9 V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Note
1. R0 has a temperature coefficient of resistance of +0.6%/K.
I2C-bus
SDA, SCL
VIL2
LOW level input voltage
note 4
VSS
−
0.3VDD
V
VIH2
HIGH level input voltage
note 4
0.7VDD
−
VDD
V
IL2
leakage current
VI =VDD or VSS
−1
−
+1
µA
Ci
input capacitance
note 5
−−
7pF
IOL(SDA)
LOW level output current (SDA)
VOL = 0.4 V; VDD =5V 3
−−
mA
LCD outputs
RROW
row output resistance R1 to R32
note 6
−
1.5
3
k
Ω
RCOL
column output resistance C1 to C60 note 6
−
36
k
Ω
Vtol1
bias voltage tolerance R1 to R32
and C1 to C60
note 7
−±20
±130
mV
Vtol2
LCD supply voltage (VLCD)
tolerance
note 2
−±40
±300
mV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
2.5
−
6.0
V
VLCD
LCD supply voltage
VDD − 9
−
VDD − 3.5
V
V0
voltage generator control input
voltage
VSS
−
VDD − 0.5
V
R0
voltage generator control input
resistance
Tamb =25 °C; note 1
700
1000
1300
k
Ω
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com