Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP100 Datasheet(PDF) 70 Page - STMicroelectronics

Part # LQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP100 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button LQFP100 Datasheet HTML 66Page - STMicroelectronics LQFP100 Datasheet HTML 67Page - STMicroelectronics LQFP100 Datasheet HTML 68Page - STMicroelectronics LQFP100 Datasheet HTML 69Page - STMicroelectronics LQFP100 Datasheet HTML 70Page - STMicroelectronics LQFP100 Datasheet HTML 71Page - STMicroelectronics LQFP100 Datasheet HTML 72Page - STMicroelectronics LQFP100 Datasheet HTML 73Page - STMicroelectronics LQFP100 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 429 page
background image
70/429
ST92F124/F150/F250 - REGISTER AND MEMORY MAP
Figure 40. ST92F124/F150/F250 TESTFLASH and E3 TM Memory Map
TESTFLASH - 8 Kbytes
SEGMENT 23h
64 Kbytes
230000h
23FFFFh
23C000h
23BFFFh
238000h
237FFFh
234000h
233FFFh
PAGE 8Ch - 16 Kbytes
PAGE 8Dh - 16 Kbytes
PAGE 8Eh - 16 Kbytes
PAGE 8Fh - 16 Kbytes
230000h
231FFFh
8 Kbytes
231F80h
231FFFh
FLASH OTP - 128 bytes
231FFCh
231FFFh
FLASH OTP Protection Registers - 4 bytes
128 bytes
4 bytes
Emulated EEPROM - 1 Kbyte
SEGMENT 22h
64 Kbytes
220000h
22FFFFh
22C000h
22BFFFh
228000h
227FFFh
224000h
223FFFh
PAGE 88h - 16 Kbytes
PAGE 89h- 16 Kbytes
PAGE 8Ah - 16 Kbytes
PAGE 8Bh - 16 Kbytes
220000h
2203FFh
1 Kbyte
Not Available
FLASH and E3 TM
224000h/221003h
224003h/221000h
mapped in both locations
Control Registers - 4 bytes
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com