Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP100 Datasheet(PDF) 86 Page - STMicroelectronics

Part # LQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP100 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button LQFP100 Datasheet HTML 82Page - STMicroelectronics LQFP100 Datasheet HTML 83Page - STMicroelectronics LQFP100 Datasheet HTML 84Page - STMicroelectronics LQFP100 Datasheet HTML 85Page - STMicroelectronics LQFP100 Datasheet HTML 86Page - STMicroelectronics LQFP100 Datasheet HTML 87Page - STMicroelectronics LQFP100 Datasheet HTML 88Page - STMicroelectronics LQFP100 Datasheet HTML 89Page - STMicroelectronics LQFP100 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 429 page
background image
86/429
ST92F124/F150/F250 - REGISTER AND MEMORY MAP
41
CAN1 *
Tx
Mailbox 2
R240
MCSR
Mailbox Control Status Register
00
350
R241
MDLC
Mailbox Data Length Control Register
x0
352
R242
MIDR0
Mailbox Identifier Register 0
xx
351
R243
MIDR1
Mailbox Identifier Register 1
xx
351
R244
MIDR2
Mailbox Identifier Register 2
xx
351
R245
MIDR3
Mailbox Identifier Register 3
xx
351
R246
MDAR0
Mailbox Data Register 0
xx
352
R247
MDAR1
Mailbox Data Register 1
xx
352
R248
MDAR2
Mailbox Data Register 2
xx
352
R249
MDAR3
Mailbox Data Register 3
xx
352
R250
MDAR4
Mailbox Data Register 4
xx
352
R251
MDAR5
Mailbox Data Register 5
xx
352
R252
MDAR6
Mailbox Data Register 6
xx
352
R253
MDAR7
Mailbox Data Register 7
xx
352
R254
MTSLR
Mailbox Time Stamp Low Register
xx
352
R255
MTSHR
Mailbox Time Stamp High Register
xx
352
42
CAN1 *
Filters
See “Page Mapping
for CAN 0 / CAN 1”
on page 357
Filter Configuration
Acceptance Filters 7:0
(5 register pages)
43
I/O
Port
8 *
R248
P8C0
Port 8 Configuration Register 0
03
151
R249
P8C1
Port 8 Configuration Register 1
00
R250
P8C2
Port 8 Configuration Register 2
00
R251
P8DR
Port 8 Data Register
FF
I/O
Port
9 *
R252
P9C0
Port 9 Configuration Register 0
00
R253
P9C1
Port 9 Configuration Register 1
00
R254
P9C2
Port 9 Configuration Register 2
00
R255
P9DR
Port 9 Data Register
FF
48
CAN0*
Control/
Status
R240
CMCR
CAN Master Control Register
02
343
R241
CMSR
CAN Master Status Register
02
344
R242
CTSR
CAN Transmit Control Register
00
344
R243
CTPR
CAN Transmit Priority Register
00
345
R244
CRFR0
CAN Receive FIFO Register 0
00
346
R245
CRFR1
CAN Receive FIFO Register 1
00
346
R246
CIER
CAN Interrupt Enable Register
00
346
R247
CESR
CAN Error Status Register
00
347
R248
CEIER
CAN Error Interrupt Enable Register
00
347
R249
TECR
Transmit Error Counter Register
00
348
R250
RECR
Receive Error Counter Register
00
348
R251
CDGR
CAN Diagnosis Register
00
348
R252
CBTR0
CAN Bit Timing Register 0
00
349
R253
CBTR1
CAN Bit Timing Register 1
23
349
R255
CFPSR
Filter page Select Register
00
349
Page
(Dec)
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com