Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP100 Datasheet(PDF) 102 Page - STMicroelectronics

Part # LQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP100 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button LQFP100 Datasheet HTML 98Page - STMicroelectronics LQFP100 Datasheet HTML 99Page - STMicroelectronics LQFP100 Datasheet HTML 100Page - STMicroelectronics LQFP100 Datasheet HTML 101Page - STMicroelectronics LQFP100 Datasheet HTML 102Page - STMicroelectronics LQFP100 Datasheet HTML 103Page - STMicroelectronics LQFP100 Datasheet HTML 104Page - STMicroelectronics LQFP100 Datasheet HTML 105Page - STMicroelectronics LQFP100 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 429 page
background image
102/429
ST92F124/F150/F250 - INTERRUPTS
5.7 STANDARD INTERRUPTS (CAN AND SCI-A)
The two on-chip CAN peripherals generate 4 inter-
rupt sources each. The SCI-A interrupts are
mapped on a single interrupt channel. The map-
ping is shown in the following table.
Table 21. Interrupt Channel Assignment
5.7.1 Functional Description
The SIPRL and SIPRH registers contain the inter-
rupt pending bits of the interrupt sources. The
pending bits are set by hardware on occurrence of
a rising edge event. The pending bits are reset by
hardware when the interrupt is acknowledged.
The SIMRL and SIMRH registers are used to
mask the interrupt requests coming from the inter-
rupt sources. Resetting the bits of these registers
prevents the interrupt requests being sent to the
ST9 core.
The SITRL and SITRH registers are used to select
the edge sensitivity of the interrupt channel (rising
or falling edge). As the SCI-A and CAN interrupt
events are rising edge events, all bits in the SITRL
register and ITEI0 bit in SITRH register must be
set to 1.
The priority level of the interrupt channels can be
programmed to one of eight priority levels using
the SIPLRL and SIPLRH control registers.
The two MSBs of the priority level are user pro-
grammable. For each interrupt group, the even
channels (E0, F0, G0, H0, I0) have an even priority
level (LSB of priority level is zero) and the odd
channels (E1, F1, G1, H1) have an odd priority lev-
el (the LSB of priority level is one). See Figure 52.
.
Figure 52. Priority Level Examples
All interrupt channels share a single interrupt vec-
tor register (SIVR). Bits 1 to 4 of the SIVR register
change according to the interrupt channel which
has the highest priority pending interrupt request.
If more than one interrupt channel has pending in-
terrupt requests with the same priority, then an in-
ternal daisy chain decides the interrupt channel
that will be served. INTE0 is first in the internal dai-
sy chain and INTI0 is last.
An overrun flag is associated with each interrupt
channel. If a new interrupt request comes before
the earlier interrupt request is acknowledged then
the corresponding overrun flag is set.
Interrupt Pairs
Interrupt Source
INTE0
INTE1
CAN0_RX0
CAN0_RX1
INTF0
INTF1
CAN0_TX
CAN0_SCE
INTG0
INTG1
CAN1_RX0
CAN1_RX1
INTH0
INTH1
CAN1_TX
CAN1_SCE
INTI0
INTI1
SCI-A
Reserved
1
00
1
00
1
PL2H PL1H PL2G PL1G PL2F PL1F PL2E PL1E
INT.G1:
INT.H1: 001=1
INT.G0:
SOURCE
PRIORITY
PRIORITY
SOURCE
INT.E0: 010=2
INT.E1: 011=3
INT.F1: 101=5
INT.F0: 100=4
INT.H0: 000=0
IPLRL
0
100=4
101=5
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com