Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP100 Datasheet(PDF) 110 Page - STMicroelectronics

Part # LQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP100 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button LQFP100 Datasheet HTML 106Page - STMicroelectronics LQFP100 Datasheet HTML 107Page - STMicroelectronics LQFP100 Datasheet HTML 108Page - STMicroelectronics LQFP100 Datasheet HTML 109Page - STMicroelectronics LQFP100 Datasheet HTML 110Page - STMicroelectronics LQFP100 Datasheet HTML 111Page - STMicroelectronics LQFP100 Datasheet HTML 112Page - STMicroelectronics LQFP100 Datasheet HTML 113Page - STMicroelectronics LQFP100 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 429 page
background image
110/429
ST92F124/F150/F250 - INTERRUPTS
INTERRUPT REGISTERS (Cont’d)
INTERRUPT
PENDING
REGISTER
LOW
(SIPRL)
R250 - Read/Write
Register Page: 60
Reset value: 0000 0000 (00h)
Bits 7:0 = IPxx Channel E-H Pending bits
The IPxx bits are set by hardware on occurrence
of the trigger event. (as specified in the ITR regis-
ter) and are cleared by hardware on interrupt ac-
knowledge.
0 : No interrupt pending
1 : Interrupt pending
Note: IPR bits may be set by the user to imple-
ment a software interrupt.
STANDARD INTERRUPT VECTOR REGISTER
(SIVR)
R251 - Read/Write
Register Page: 60
Reset value: xxx1 1110 (xE)
Bits 7:5 = V[7:5] MSBs of Channnel E to L inter-
rupt vector address
These bits are not initialized by reset. For a repre-
sentation of how the full vector is generated from
V[7:5], refer to Figure 53.
Bits 4:1 = W[3:0] Arbitration Winner Bits
These bits are set and cleared by hardware de-
pending upon the channel which emerges as a
winner as shown in the following table.
At the start of interrupt/DMA arbitration (IC0 = 0)
the W[3:0] bits are latched. They remain stable
through the entire arbitration cycle. Even if a inter-
rupt of higher priority comes after the start of int/
DMA arbitration, the SIVR register is not updated.
This new request will be taken into account in the
next arbitration cycle.
Bit 0 = Reserved, fixed by hardware to 0.
INTERRUPT
PRIORITY
LEVEL
REGISTER
HIGH (SIPLRH)
R252 - Read/Write
Register Page: Page 60
Reset Value : 1111 1111
Bits 1:0 = PL2I, PL1I: INTI0, I1 Priority Level.
These bits are set and cleared by software.
The priority is a three-bit value. The LSB is fixed by
hardware at 0 for even channels and at 1 for odd
channels
70
IPH1
IPH0
IPG1
IPG0
IPF1
IPF0
IPE1
IPE0
70
V7
V6
V5
W3
W2
W1
W0
0
Interrupt Channel pair
W[3:0]
INTE0
INTE1
0000
0001
INTF0
INTF1
0010
0011
INTG0
INTG1
0100
0101
INTH0
INTH1
0110
0111
INTI0
1000
70
--
-
-
--
PL2I
PL1I
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com