Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP100 Datasheet(PDF) 136 Page - STMicroelectronics

Part # LQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP100 Datasheet(HTML) 136 Page - STMicroelectronics

Back Button LQFP100 Datasheet HTML 132Page - STMicroelectronics LQFP100 Datasheet HTML 133Page - STMicroelectronics LQFP100 Datasheet HTML 134Page - STMicroelectronics LQFP100 Datasheet HTML 135Page - STMicroelectronics LQFP100 Datasheet HTML 136Page - STMicroelectronics LQFP100 Datasheet HTML 137Page - STMicroelectronics LQFP100 Datasheet HTML 138Page - STMicroelectronics LQFP100 Datasheet HTML 139Page - STMicroelectronics LQFP100 Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 429 page
background image
136/429
ST92F124/F150/F250 - RESET AND CLOCK CONTROL UNIT (RCCU)
CLOCK CONTROL REGISTERS (Cont’d)
PLL CONFIGURATION REGISTER (PLLCONF)
R246 - Read/Write
Register Page: 55
Reset Value: 0x00 x111
Bit 7 = FREEN: PLL Free Running Mode Enable
0: PLL Free Running Mode disabled
1: PLL Free Running Mode enabled
When this bit is set, even if the DX[2:0] bits are all
set to 1, the PLL is not stopped but provides a slow
frequency back-up clock, selectable by the
CSU_CKSEL bit of the CLK_FLAG register (with-
out needing to have the LOCK bit equal to ‘1’).
Bits 5:4 = MX[1:0]: PLL Multiplication Factor.
Refer to Table 29 for multiplier settings.
WARNING: After these bits are modified, take
care that the PLL lock-in time has elapsed before
setting the CSU_CKSEL bit in the CLK_FLAG reg-
ister.
Bits 2:0 = DX[2:0]: PLL output clock divider factor.
Refer to Table 30 for divider settings.
70
FREEN
0
MX1
MX0
0
DX2
DX1
DX0
Table 29. PLL Multiplication Factors
MX1
MX0
CLOCK2 x
10
14
00
10
11
8
01
6
Table 30. PLL Divider Factors
DX2
DX1
DX0
CK
000
PLL CLOCK/1
001
PLL CLOCK/2
010
PLL CLOCK/3
011
PLL CLOCK/4
100
PLL CLOCK/5
101
PLL CLOCK/6
110
PLL CLOCK/7
111
CLOCK2
(PLL OFF, Reset State)
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com