Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP100 Datasheet(PDF) 148 Page - STMicroelectronics

Part # LQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP100 Datasheet(HTML) 148 Page - STMicroelectronics

Back Button LQFP100 Datasheet HTML 144Page - STMicroelectronics LQFP100 Datasheet HTML 145Page - STMicroelectronics LQFP100 Datasheet HTML 146Page - STMicroelectronics LQFP100 Datasheet HTML 147Page - STMicroelectronics LQFP100 Datasheet HTML 148Page - STMicroelectronics LQFP100 Datasheet HTML 149Page - STMicroelectronics LQFP100 Datasheet HTML 150Page - STMicroelectronics LQFP100 Datasheet HTML 151Page - STMicroelectronics LQFP100 Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 429 page
background image
148/429
ST92F124/F150/F250 - EXTERNAL MEMORY INTERFACE (EXTMI)
8.3 REGISTER DESCRIPTION
EXTERNAL MEMORY REGISTER 1 (EMR1)
R245 - Read/Write
Register Page: 21
Reset value: 1000 0000 (80h)
Bit 7 = Reserved.
Bit 6 = MC: Mode Control.
0: AS, DS and RW pins have the standard ST9 for-
mat.
1: AS pin becomes ALE, Address Load Enable.
This signal indicates to the external address
latch that a valid address is put on AD[7:0].
When ALE is high, the multiplexed address/data
bus AD[7:0] carries the LSBs of the memory ad-
dress, which must be latched on the falling edge
of this signal.
DS becomes OEN, Output ENable: When this
signal is low, the external memory should put
the data on the multiplexed address/data bus
AD[7:0]. The data is sampled by the microcon-
troller on the rising edge of the OEN signal.
RW pin becomes WEN, Write ENable: when this
signal is low, the multiplexed address/data bus
AD[7:0] carries the data to be written in the ex-
ternal memory. The external memory should
sample the data on the rising edge of the WEN
signal.
Bit 5 = DS2EN: Data Strobe 2 enable.
0: The DS pin is active for any external memory
access (lower and upper memory block).
The DS2 pin remains high.
1: If the lower memory block is addressed, the
DS2 pin outputs the standard DS signal, while
the DS pin stays high during the whole memory
cycle.
If the upper memory block is addressed, DS2 is
forced to “1” during the whole memory cycle.
Refer to Figure 77
Bit 4 = ASAF: Address Strobe as Alternate Func-
tion.
Depending on the device, AS can be either a ded-
icated pin or a port Alternate Function. This bit is
used only in the second case.
0: AS Alternate function disabled.
1: AS Alternate Function enabled.
Bit 3 = Reserved, must be kept cleared.
Bit 2 = ETO: External toggle.
0: The external memory interface pins (AS, DS,
DS2, RW, Port0, Port1, Port9) toggle only if an
access to external memory is performed.
1: When the internal memory protection is dis-
abled, the above pins (except DS which never
toggles during internal memory accesses) tog-
gle during both internal and external memory
accesses.
Bit 1 = BSZ: Bus size.
0: All outputs use the standard low-noise output
buffers.
1: P4[7:6], P6[5:4] use high-drive output buffers
Bit 0 = Reserved.
Caution: External memory must be correctly ad-
dressed before and after a write operation on the
EMR1 register. For example, if code is fetched
from external memory using the standard ST9 ex-
ternal memory interface configuration (MC=0),
setting the MC bit will cause the device to behave
unpredictably.
70
X
MC
DS2EN
ASAF
0
ETO
BSZ
X
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com