Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP100 Datasheet(PDF) 322 Page - STMicroelectronics

Part # LQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP100 Datasheet(HTML) 322 Page - STMicroelectronics

Back Button LQFP100 Datasheet HTML 318Page - STMicroelectronics LQFP100 Datasheet HTML 319Page - STMicroelectronics LQFP100 Datasheet HTML 320Page - STMicroelectronics LQFP100 Datasheet HTML 321Page - STMicroelectronics LQFP100 Datasheet HTML 322Page - STMicroelectronics LQFP100 Datasheet HTML 323Page - STMicroelectronics LQFP100 Datasheet HTML 324Page - STMicroelectronics LQFP100 Datasheet HTML 325Page - STMicroelectronics LQFP100 Datasheet HTML 326Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 429 page
background image
322/429
J1850 Byte Level Protocol Decoder (JBLPD)
J1850 BYTE LEVEL PROTOCOL DECODER (Cont’d)
JBLPD TRANSMITTER DMA TRANSACTION
COUNTER REGISTER (TDCPR)
R255 - RSEL[3:0]=0000b
Register Page: 23
Reset Value: xxxx xxxx (xxh)
To select this register, the RSEL[3:0] bits of the
OPTIONS register must be reset
Bit 7:1 = TC[7:1] Transmitter DMA Counter Point-
er.
RDCPR contains the address of the pointer (in the
Register File) of the DMA transmitter transaction
counter when the DMA between Memory Space
and peripheral is selected. Otherwise, if the DMA
between Register File and peripheral is selected,
this register points to a pair of registers that are
used as DMA Address register and DMA Transac-
tion Counter.
See Section 10.9.6.1and Section 10.9.6.2 for
more details on the use of this register.
Bit 0 = RF/MEM Transmitter Register File/Memory
Selector.
If this bit is set to “1”, then the Register File will be
selected as Destination, otherwise the Memory
space will be used.
0: Transmitter DMA with Memory space
1: Transmitter DMA with Register File
JBLPD MESSAGE FILTERING REGISTERS
(FREG[0:31])
R252/R253/R254/R255 - RSEL[3]=1
Register Page: 23
Reset Value: xxxx xxxx (xxh)
70
TC7
TC6
TC5
TC4
TC3
TC2
TC1
RF/MEM
Register
70
FREG0
F_07 F_06 F_05
F_04 F_03 F_02 F_01 F_00
FREG1
F_0F F_0E F_0D F_0C F_0B F_0A F_09 F_08
FREG2
F_17 F_16 F_15
F_14 F_13 F_12 F_11 F_10
FREG3
F_1F F_1E F_1D F_1C F_1B F_1A F_19 F_18
FREG4
F_27 F_26 F_25
F_24 F_23 F_22 F_21 F_20
FREG5
F_2F F_2E F_2D F_2C F_2B F_2A F_29 F_28
FREG6
F_37 F_36 F_35
F_34 F_33 F_32 F_31 F_30
FREG7
F_3F F_3E F_3D F_3C F_3B F_3A F_39 F_38
FREG8
F_47 F_46 F_45
F_44 F_43 F_42 F_41 F_40
FREG9
F_4F F_4E F_4D F_4C F_4B F_4A F_49 F_48
FREG10 F_57 F_56 F_55
F_54 F_53 F_52 F_51 F_50
FREG11 F_5F F_5E F_5D F_5C F_5B F_5A F_59 F_58
FREG12 F_67 F_66 F_65
F_64 F_63 F_62 F_61 F_60
FREG13 F_6F F_6E F_6D F_6C F_6B F_6A F_69 F_68
FREG14 F_77 F_76 F_75
F_74 F_73 F_72 F_71 F_70
FREG15 F_7F F_7E F_7D F_7C F_7B F_7A F_79 F_78
FREG16 F_87 F_86 F_85
F_84 F_83 F_82 F_81 F_80
FREG17 F_8F F_8E F_8D F_8C F_8B F_8A F_89 F_88
FREG18 F_97 F_96 F_95
F_94 F_93 F_92 F_91 F_90
FREG19 F_9F F_9E F_9D F_9C F_9B F_9A F_99 F_98
FREG20 F_A7 F_A6 F_A5 F_A4 F_A3 F_A2 F_A1 F_A0
FREG21 F_AF F_AE F_AD F_AC F_AB F_AA F_A9 F_A8
FREG22 F_B7 F_B6 F_B5 F_B4 F_B3 F_B2 F_B1 F_B0
FREG23 F_BF F_BE F_BD F_BC F_BB F_BA F_B9 F_B8
FREG24 F_C7 F_C6 F_C5 F_C4 F_C3 F_C2 F_C1 F_C0
FREG25 F_CF F_CE F_CD F_CC F_CB F_CA F_C9 F_C8
FREG26 F_D7 F_D6 F_D5 F_D4 F_D3 F_D2 F_D1 F_D0
FREG27 F_DF F_DE F_DD F_DC F_DB F_DA F_D9 F_D8
FREG28 F_E7 F_E6 F_E5 F_E4 F_E3 F_E2 F_E1 F_E0
FREG29 F_EF F_EE F_ED F_EC F_EB F_EA F_E9 F_E8
FREG30 F_F7 F_F6 F_F5
F_F4 F_F3 F_F2 F_F1 F_F0
FREG31 F_FF F_FE F_FD F_FC F_FB F_FA F_F9 F_F8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com