Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP100 Datasheet(PDF) 346 Page - STMicroelectronics

Part # LQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP100 Datasheet(HTML) 346 Page - STMicroelectronics

Back Button LQFP100 Datasheet HTML 342Page - STMicroelectronics LQFP100 Datasheet HTML 343Page - STMicroelectronics LQFP100 Datasheet HTML 344Page - STMicroelectronics LQFP100 Datasheet HTML 345Page - STMicroelectronics LQFP100 Datasheet HTML 346Page - STMicroelectronics LQFP100 Datasheet HTML 347Page - STMicroelectronics LQFP100 Datasheet HTML 348Page - STMicroelectronics LQFP100 Datasheet HTML 349Page - STMicroelectronics LQFP100 Datasheet HTML 350Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 429 page
background image
346/429
CONTROLLER AREA NETWORK (bxCAN)
CONTROLLER AREA NETWORK (Cont’d)
CAN RECEIVE FIFO REGISTERS (CRFRx)
Read / Write
Reset Value: 0000 0000 (00h)
Note: To clear a bit in this register, software must
write a “1” to the bit.
Bit 7:6 = Reserved. Forced to 0 by hardware.
Bit 5 = RFOM Release FIFO Output Mailbox
- Read/Set
Set by software to release the output mailbox of
the FIFO. The output mailbox can only be released
when at least one message is pending in the FIFO.
Setting this bit when the FIFO is empty has no ef-
fect. If at least two messages are pending in the
FIFO, the software has to release the output mail-
box to access the next message.
Cleared by hardware when the output mailbox has
been released.
Bit 4 = FOVR FIFO Overrun
- Read/Clear
This bit is set by hardware when a new message
has been received and passed the filter while the
FIFO was full.
This bit is cleared by software.
Bit 3 = FULL FIFO Full
- Read/Clear
Set by hardware when three messages are stored
in the FIFO.
This bit is cleared by software.
Bit 2 = Reserved. Forced to 0 by hardware.
Bit 1:0 = FMP[1:0] FIFO Message Pending
- Read
These bits indicate how many messages are
pending in the receive FIFO.
FMP is increased each time the hardware stores a
new message in to the FIFO. FMP is decreased
each time the software releases the output mail-
box by setting the RFOM bit.
CAN INTERRUPT ENABLE REGISTER (CIER)
All bits of this register are set and cleared by soft-
ware.
Read / Write
Reset Value: 0000 0000 (00h)
Bit 7 = WKUIE Wake-Up Interrupt Enable
0: No interrupt when WKUI is set.
1: Interrupt generated when WKUI bit is set.
Bit 6 = FOVIE1 FIFO Overrun Interrupt Enable
0: No interrupt when FOVR is set.
1: Interrupt generation when FOVR is set.
Bit 5 = FFIE1 FIFO Full Interrupt Enable
0: No interrupt when FULL bit is set.
1: Interrupt generated when FULL bit is set.
Bit 4 = FMPIE1 FIFO Message Pending Interrupt
Enable
0: No interrupt on FMP[1:0] bits transition from 00b
to 01b.
1: Interrupt generated on FMP[1:0] bits transition
from 00b to 01b.
Bit 3 = FOVIE0 FIFO Overrun Interrupt Enable
0: No interrupt when FOVR bit is set.
1: Interrupt generated when FOVR bit is set.
Bit 2 = FFIE0 FIFO Full Interrupt Enable
0: No interrupt when FULL bit is set.
1: Interrupt generated when FULL bit is set.
Bit 1 = FMPIE0 FIFO Message Pending Interrupt
Enable
0: No interrupt on FMP[1:0] bits transition from 00b
to 01b.
1: Interrupt generated on FMP[1:0] bits transition
from 00b to 01b.
Bit 0 = TMEIE Transmit Mailbox Empty Interrupt
Enable
0: No interrupt when RQCPx bit is set.
1: Interrupt generated when RQCPx bit is set.
Note: refer to Standard Interrupts Section.
70
0
0
RFOM FOVR
FULL
0
FMP1
FMP0
70
WKUIE
FOVIE1
FFIE1
FMPIE1 FOVIE0
FFIE0
FMPIE0
TMEIE
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com