Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP100 Datasheet(PDF) 351 Page - STMicroelectronics

Part # LQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP100 Datasheet(HTML) 351 Page - STMicroelectronics

Back Button LQFP100 Datasheet HTML 347Page - STMicroelectronics LQFP100 Datasheet HTML 348Page - STMicroelectronics LQFP100 Datasheet HTML 349Page - STMicroelectronics LQFP100 Datasheet HTML 350Page - STMicroelectronics LQFP100 Datasheet HTML 351Page - STMicroelectronics LQFP100 Datasheet HTML 352Page - STMicroelectronics LQFP100 Datasheet HTML 353Page - STMicroelectronics LQFP100 Datasheet HTML 354Page - STMicroelectronics LQFP100 Datasheet HTML 355Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 429 page
background image
351/429
CONTROLLER AREA NETWORK (bxCAN)
CONTROLLER AREA NETWORK (Cont’d)
MAILBOX FILTER MATCH INDEX (MFMI)
This register is read only.
Reset Value: 0000 0000 (00h)
Bit 7:0 = FMI[7:0] Filter Match Index
This register contains the index of the filter the
message stored in the mailbox passed through.
For more details on identifier filtering please refer
to Section 10.10.5.4 - Filter Match Index para-
graph.
Note: This register is implemented only in receive
mailboxes. In transmit mailboxes, the MCSR reg-
ister is mapped at this location.
MAILBOX IDENTIFIER REGISTERS
(MIDR[3:0])
Read / Write
Reset Value: xxxx xxxx (xxh)
MIDR0
Bit 7 = Reserved. Forced to 0 by hardware.
Bit 6 = IDE Extended Identifier
This bit defines the identifier type of message in
the mailbox.
0: Standard identifier.
1: Extended identifier.
Bit 5 = RTR Remote Transmission Request
0: Data frame
1: Remote frame
Bit 4:0 = STID[10:6] Standard Identifier
5 most significant bits of the standard part of the
identifier.
MIDR1
Bit 7:2 = STID[5:0] Standard Identifier
6 least significant bits of the standard part of the
identifier.
Bit 1:0 = EXID[17:16] Extended Identifier
2 most significant bits of the extended part of the
identifier.
MIDR2
Bit 7:0 = EXID[15:8] Extended Identifier
Bit 15 to 8 of the extended part of the identifier.
MIDR3
Bit 7:1 = EXID[6:0] Extended Identifier
6 least significant bits of the extended part of the
identifier.
70
FMI7
FMI6
FMI5
FMI4
FMI3
FMI2
FMI1
FMI0
70
0
IDE
RTR
STID10
STID9
STID8
STID7
STID6
70
STID5
STID4
STID3
STID2
STID1
STID0
EXID17
EXID16
70
EXID15
EXID14
EXID13
EXID12
EXID11
EXID10
EXID9
EXID8
70
EXID7
EXID6
EXID5
EXID4
EXID3
EXID2
EXID1
EXID0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com