Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP100 Datasheet(PDF) 370 Page - STMicroelectronics

Part # LQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP100 Datasheet(HTML) 370 Page - STMicroelectronics

Back Button LQFP100 Datasheet HTML 366Page - STMicroelectronics LQFP100 Datasheet HTML 367Page - STMicroelectronics LQFP100 Datasheet HTML 368Page - STMicroelectronics LQFP100 Datasheet HTML 369Page - STMicroelectronics LQFP100 Datasheet HTML 370Page - STMicroelectronics LQFP100 Datasheet HTML 371Page - STMicroelectronics LQFP100 Datasheet HTML 372Page - STMicroelectronics LQFP100 Datasheet HTML 373Page - STMicroelectronics LQFP100 Datasheet HTML 374Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 429 page
background image
370/429
10-BIT ANALOG TO DIGITAL CONVERTER (ADC)
REGISTER DESCRIPTION (Cont’d)
COMPARE RESULT REGISTER (CRR)
R243 - Read/Write
Register Page: 63
Reset Value: 0000 xxxx (0xh)
Two adjacent channels (identified as A and B) can
be selected through CLR1 register programming
(bits CC[3:0]); a level window for the converted an-
alog input can be defined on these channels.
Bits 7 = CBU: Compare Register Ch. B Upper
Threshold
Set when converted data on channel B is greater
than the threshold value set in UTBHR/UTBLR
registers.
Bits 6 = CAU: Compare Register Ch. A Upper
Threshold
Set when converted data on channel A is greater
than the threshold value set in UTAHR/UTALR
registers.
Bits 5 = CBL: Compare Register Ch. B Lower
Threshold
Set when converted data on channel B is less than
the threshold value set in LTBHR/LTBLR regis-
ters.
Bits 4 = CAL: Compare Register Ch. A Lower
Threshold
Set when converted data on channel A is less than
the threshold value set in LTAHR/LTALR regis-
ters.
Bits 3:0 = Don’t care
LOWER
THRESHOLD
REGISTERS
(LTiHR/
LTiLR)
The two pairs of Lower Threshold High/Low regis-
ters are used to store the user programmable low-
er threshold 10-bit values, to be compared with the
current conversion results, thus setting the lower
window limit.
CHANNEL A LOWER THRESHOLD HIGH
REGISTER (LTAHR)
R244 - Read
Register Page: 63
Reset Value: undefined
Bits 7:0 = LTA.[9:2]: Channel A [9:2] bit Lower
Threshold
CHANNEL A LOWER THRESHOLD LOW
REGISTER (LTALR)
R245 - Read/Write
Register Page: 63
Reset Value: xx00 0000
Bits 7:6 = LTA.[1:0]: Channel A [1:0] bit Lower
Threshold
Bits 5:0 = Reserved, forced by hardware to 0.
CHANNEL B LOWER THRESHOLD HIGH REG-
ISTER (LTBHR)
R246 - Read/Write
Register Page: 63
Reset Value: undefined
Bits 7:0 = LTB.[9:2]: Channel B [9:2] bit Lower
Threshold
70
CBU
CAU
CBL
CAL
x
x
x
x
70
LTA.9 LTA.8 LTA.7 LTA.6 LTA.5 LTA.4 LTA.3 LTA.2
70
LTA.1 LTA.0
000
000
70
LTB.7 LTB.7 LTB.5 LTB.4 LTB.3 LTB.2 LTB.1 LTB.0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com