Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP100 Datasheet(PDF) 379 Page - STMicroelectronics

Part # LQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP100 Datasheet(HTML) 379 Page - STMicroelectronics

Back Button LQFP100 Datasheet HTML 375Page - STMicroelectronics LQFP100 Datasheet HTML 376Page - STMicroelectronics LQFP100 Datasheet HTML 377Page - STMicroelectronics LQFP100 Datasheet HTML 378Page - STMicroelectronics LQFP100 Datasheet HTML 379Page - STMicroelectronics LQFP100 Datasheet HTML 380Page - STMicroelectronics LQFP100 Datasheet HTML 381Page - STMicroelectronics LQFP100 Datasheet HTML 382Page - STMicroelectronics LQFP100 Datasheet HTML 383Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 429 page
background image
379/429
ST92F124/F150/F250 - ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS
(VDD = 5 V ± 10%, TA = –40° C to +125° C for Max values and 25°C for Typ values, unless otherwise
specified)
Note:
All I/O Ports are configured in bidirectional weak pull-up mode with no DC load, unless otherwise specified, external clock is driven by a
square wave.
(1) Unless otherwise stated, typical data are based on VDD= 5V. They are only reported for design guide lines not tested in production.
(2) Current consumption to be added to IDDRUN when the FLASH memory is accessed.
(3) Value guaranteed by product characterization, not tested in production.
(4) Current consumption to be added to IDDLPWFI when the FLASH memory is in stand-by mode.
(5) The I/Os draw a transient current from VDD when an input takes a voltage level in between VSS and VDD. This current is 0 for VIN<0.3V
or VIN>VDD-0.3V, it typically reaches its maximum value when VIN is approximatively at VDD/2.
Symbol
Parameter
Conditions
INTCLK
Typ (1)
Max
Unit
IDDRUN
Run Mode Current
CPU running with code execution
from RAM memory, all peripherals
in reset state, clock input (OSCIN)
driven by external square wave.
f INTCLK in [MHz].
24 MHz
45
60
mA
any
frequency
2.5 +
1.8xfINTCLK/MHz
mA
∆I
DD1
FLASH/E3 TM
Supply Current
(Read) (2)
-2
mA
∆I
DD2
FLASH/E3 TM
Supply Current
(Write/Erase) (2)
-12
mA
Typical application
Run Mode Current
CPU running with code execution
from FLASH memory, all peripher-
als running in a typical configura-
tion, clock input (OSCIN) driven by
a 4-MHz crystal =
IDDRUN + ∆IDD1 + IDD Peripherals
(Timers, CAN, etc)
24 MHz
50
mA
IDDWFI
WFI Mode Current
24 MHz
14
22
mA
f INTCLK in [MHz].
any
frequency
0.9xfINTCLK/MHz
(3)
mA
∆I
DD3
FLASH/E3 TM
Supply Current
(Stand-by) (4)
-20
µA
IDDLPR
Main Voltage Regu-
lator Power
Consumption
-300
µA
IDDOSC
Crystal Oscillator
Power Consump-
tion
200
µA
IDDLPWFI
Low Power WFI
Mode Current
FLASH/E3 TM in Stand-by Mode,
Main Voltage Regulator ON, IDDL-
PR + IDDOSC + IDD (Standard Timer in
real time clock mode)
4MHz / 32
550
1000
µA
IDDRTC
RTC Mode Current
FLASH/E3 TM in Power-Down
Mode, Main Voltage Regulator
OFF, Standard Timer in Real Time
Clock mode
4MHz / 32
250
µA
IDDHALT
HALT Mode Cur-
rent(3)
-5
25
µA
IDDSTOP
STOP Mode Cur-
rent (3)
All I/O ports are configured in out-
put push-pull mode with no DC
load
see Figure 159 (3)
µA
IDDTR
Input Transient IDD
Current (5)
-300
µA
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com