Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP100 Datasheet(PDF) 424 Page - STMicroelectronics

Part # LQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP100 Datasheet(HTML) 424 Page - STMicroelectronics

Back Button LQFP100 Datasheet HTML 420Page - STMicroelectronics LQFP100 Datasheet HTML 421Page - STMicroelectronics LQFP100 Datasheet HTML 422Page - STMicroelectronics LQFP100 Datasheet HTML 423Page - STMicroelectronics LQFP100 Datasheet HTML 424Page - STMicroelectronics LQFP100 Datasheet HTML 425Page - STMicroelectronics LQFP100 Datasheet HTML 426Page - STMicroelectronics LQFP100 Datasheet HTML 427Page - STMicroelectronics LQFP100 Datasheet HTML 428Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 424 / 429 page
background image
424/429
ST92F124/F150/F250 - KNOWN LIMITATIONS
KNOWN LIMITATIONS (Cont’d)
During reset, the risk of power consumption in the
input stage due to floating inputs is avoided by a
design feature.
However, if the application requires pull-ups
during reset (for instance, in order to send known
logic values to external devices), external pull-ups
must be provided. When the I/O port outputs a
zero, there will be some additional power con-
sumption as these external pull-ups are not
switched off.
These ports behave in the same way following an
external, watchdog or software reset.
13.8.2 High Drive I/Os when BSZ=1
Description
If the BSZ bit in the EMR1 register (bit 1 of R245,
page 21) is set so as to use high-drive output
buffers for P4[7:6] and P6[5:4], all I/O ports as well
as AS, DS and RW will also use high-drive output
buffers.
Impact On Application
P0[7:0], AS, DS and RW have the same VOH pa-
rameter value as P6[5:4].
P0[7:0]-P2[3:2], AS, DS and RW have the same
VOL and IIO parameter values as the P4[7:6] and
P6[5:4].
These I/Os using high-drive output buffers will
g ene rate m or e noise tha n tho se using th e
standard low-noise output buffers.
13.8.3 ADC PARASITIC DIODE
Description
A parasitic diode is present between an ADC input
and AVDD.
As described in the datasheet, the user has the
possibility to switch off AVDD when he switches off
the ADC to save power consumption. However, if
AVDD is connected to ground and a voltage is
present on the Input Port, an increase in power
consumption can occur.
The Input Port affected by this diode is the one
pointed to by the analog multiplexer of the ADC, if
the port is set up as AF analog input. When the
ADC is stopped, the multiplexer points to the first
input to be converted in a scan (i.e. the channel
pointed to by the SC[3:0] bits).
Workaround
In order to avoid this problem, the I/O connected to
the ADC has to be set up in any mode except AF
analog input (i.e. any combination of PxC2.. PxC0
except 111).
1. Deprogram analog input mode from the I/O port
which is pointed to by the SC[3:0] bits (start
conversion channel, b7..b4 of CLR1).
For example the I/O can be reprogrammed as
an open drain output, with the data at 1. The
high impedance of the output stage then
avoids a conflict with the external voltage
source. In order to avoid potential power con-
sumption in the input buffer of this I/O,
depending on the external voltage applied to
the pin, it is wise to set the 'start conversion
channel' to a channel which carries levels
below 800 mV or above (VDD -800 mV).
Another possibility is to modify the SC[3:0]
bits so that they point to an I/O Port which is
not used as an analog input.
2. Next, switch off the A/D Converter.
The current in AVDD will be zero, whatever the
logic levels on the analog inputs, and whatever the
voltage level applied to AVDD (between 0 and
VDD).
13.8.4
ADC
ACCURACY
VS.
NEGATIVE
INJECTION CURRENT
Description
If a negative current is injected to an input pin (i.e.
input signal voltage below -0.3V), a part of this cur-
rent will be drawn from the adjacent I/Os. The fol-
lowing curve quantifies this current:
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com