Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQFP100 Datasheet(PDF) 80 Page - STMicroelectronics

Part # PQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PQFP100 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button PQFP100 Datasheet HTML 76Page - STMicroelectronics PQFP100 Datasheet HTML 77Page - STMicroelectronics PQFP100 Datasheet HTML 78Page - STMicroelectronics PQFP100 Datasheet HTML 79Page - STMicroelectronics PQFP100 Datasheet HTML 80Page - STMicroelectronics PQFP100 Datasheet HTML 81Page - STMicroelectronics PQFP100 Datasheet HTML 82Page - STMicroelectronics PQFP100 Datasheet HTML 83Page - STMicroelectronics PQFP100 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 429 page
background image
80/429
ST92F124/F150/F250 - REGISTER AND MEMORY MAP
11
STIM
R240
STH
Counter High Byte Register
FF
166
R241
STL
Counter Low Byte Register
FF
166
R242
STP
Standard Timer Prescaler Register
FF
166
R243
STC
Standard Timer Control Register
14
166
20
I2C_0
R240
I2DCCR
I2C Control Register
00
273
R241
I2CSR1
I2C Status Register 1
00
274
R242
I2CSR2
I2C Status Register 2
00
276
R243
I2CCCR
I2C Clock Control Register
00
277
R244
I2COAR1
I2C Own Address Register 1
00
277
R245
I2COAR2
I2C Own Address Register 2
00
278
R246
I2CDR
I2C Data Register
00
278
R247
I2CADR
I2C General Call Address
A0
278
R248
I2CISR
I2C Interrupt Status Register
xx
279
R249
I2CIVR
I2C Interrupt Vector Register
xx
280
R250
I2CRDAP
Receiver DMA Source Addr. Pointer
xx
280
R251
I2CRDC
Receiver DMA Transaction Counter
xx
280
R252
I2CTDAP
Transmitter DMA Source Addr. Pointer
xx
281
R253
I2CTDC
Transmitter DMA Transaction Counter
xx
281
R254
I2CECCR
Extended Clock Control Register
00
281
R255
I2CIMR
I2C Interrupt Mask Register
x0
282
21
MMU
R240
DPR0
Data Page Register 0
xx
46
R241
DPR1
Data Page Register 1
xx
46
R242
DPR2
Data Page Register 2
xx
46
R243
DPR3
Data Page Register 3
xx
46
R244
CSR
Code Segment Register
00
47
R248
ISR
Interrupt Segment Register
xx
47
R249
DMASR
DMA Segment Register
xx
47
EXTMI
R245
EMR1
External Memory Register 1
80
148
R246
EMR2
External Memory Register 2
1F
149
Page
(Dec)
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com