Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQFP100 Datasheet(PDF) 89 Page - STMicroelectronics

Part # PQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PQFP100 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button PQFP100 Datasheet HTML 85Page - STMicroelectronics PQFP100 Datasheet HTML 86Page - STMicroelectronics PQFP100 Datasheet HTML 87Page - STMicroelectronics PQFP100 Datasheet HTML 88Page - STMicroelectronics PQFP100 Datasheet HTML 89Page - STMicroelectronics PQFP100 Datasheet HTML 90Page - STMicroelectronics PQFP100 Datasheet HTML 91Page - STMicroelectronics PQFP100 Datasheet HTML 92Page - STMicroelectronics PQFP100 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 429 page
background image
89/429
ST92F124/F150/F250 - REGISTER AND MEMORY MAP
53
CAN0*
Tx
Mailbox 2
R240
MCSR
Mailbox Control Status Register
00
350
R241
MDLC
Mailbox Data Length Control Register
xx
352
R242
MIDR0
Mailbox Identifier Register 0
xx
351
R243
MIDR1
Mailbox Identifier Register 1
xx
351
R244
MIDR2
Mailbox Identifier Register 2
xx
351
R245
MIDR3
Mailbox Identifier Register 3
xx
351
R246
MDAR0
Mailbox Data Register 0
xx
352
R247
MDAR1
Mailbox Data Register 1
xx
352
R248
MDAR2
Mailbox Data Register 2
xx
352
R249
MDAR3
Mailbox Data Register 3
xx
352
R250
MDAR4
Mailbox Data Register 4
xx
352
R251
MDAR5
Mailbox Data Register 5
xx
352
R252
MDAR6
Mailbox Data Register 6
xx
352
R253
MDAR7
Mailbox Data Register 7
xx
352
R254
MTSLR
Mailbox Time Stamp Low Register
xx
352
R255
MTSHR
Mailbox Time Stamp High Register
xx
352
54
CAN0*
Filters
“Page Mapping for
CAN 0 / CAN 1” on
page 357
Filter Configuration
Acceptance Filters 7:0
(5 register pages)
55
RCCU
R240
CLKCTL
Clock Control Register
00
134
R241
VRCTR
Voltage Regulator Control Register
0x
134
R242
CLK_FLAG
Clock Flag Register
64,48, 28
or 08
135
R246
PLLCONF
PLL Configuration Register
xx
135
57
WUIMU
R249
WUCTRL
Wake-Up Control Register
00
118
R250
WUMRH
Wake-Up Mask Register High
00
119
R251
WUMRL
Wake-Up Mask Register Low
00
119
R252
WUTRH
Wake-Up Trigger Register High
00
120
R253
WUTRL
Wake-Up Trigger Register Low
00
120
R254
WUPRH
Wake-Up Pending Register High
00
120
R255
WUPRL
Wake-Up Pending Register Low
00
120
60
STD
INT
R245
SIMRH
Interrupt Mask Register High (Ch. I to L)
00
109
R246
SIMRL
Interrupt Mask Register Low (Ch. E to H)
00
109
R247
SITRH
Interrupt Trigger Register High (Ch. I to L)
00
109
R248
SITRL
Interrupt Trigger Register Low (Ch. E to H)
00
109
R249
SIPRH
Interrupt Pending Register High (Ch. I to L)
00
109
R250
SIPRL
Interrupt Pending Register Low (Ch. E to H)
00
109
R251
SIVR
Interrupt Vector Register (Ch. E to L)
xE
110
R252
SIPLRH
Interrupt Priority Register High (Ch. I to L)
FF
110
R253
SIPLRL
Interrupt Priority Register Low (Ch. E to H)
FF
110
R254
SFLAGRH
Interrupt Flag Register High (Ch. I to L)
00
111
R255
SIFLAGRL
Interrupt Flag Register Low (Ch. E to H)
00
111
Page
(Dec)
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com