Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQFP100 Datasheet(PDF) 144 Page - STMicroelectronics

Part # PQFP100
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PQFP100 Datasheet(HTML) 144 Page - STMicroelectronics

Back Button PQFP100 Datasheet HTML 140Page - STMicroelectronics PQFP100 Datasheet HTML 141Page - STMicroelectronics PQFP100 Datasheet HTML 142Page - STMicroelectronics PQFP100 Datasheet HTML 143Page - STMicroelectronics PQFP100 Datasheet HTML 144Page - STMicroelectronics PQFP100 Datasheet HTML 145Page - STMicroelectronics PQFP100 Datasheet HTML 146Page - STMicroelectronics PQFP100 Datasheet HTML 147Page - STMicroelectronics PQFP100 Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 429 page
background image
144/429
ST92F124/F150/F250 - EXTERNAL MEMORY INTERFACE (EXTMI)
EXTERNAL MEMORY SIGNALS (Cont’d)
8.2.5 PORT 0
If Port 0 is used as a bit programmable parallel I/O
port, it has the same features as a regular port.
When set as an Alternate Function, it is used as
the External Memory interface: it outputs the mul-
tiplexed Address (8 LSB: A[7:0]) / Data bus D[7:0].
8.2.6 PORT 1
If Port 1 is used as a bit programmable parallel I/O
port, it has the same features as a regular port.
When set as an Alternate Function, it is used as
the external memory interface to provide the ad-
dress bits A[15:8].
8.2.7 PORT 9 [7:2]
If Port 9 is available and used as a bit programma-
ble I/O port, it has the same features as a regular
port. If the MMU is available on the device and
Port 9 is set as an Alternate Function, Port 9[7:2] is
used as the external memory interface to provide
the 6 MSB of the address (A[21:16]).
Note: For the ST92F250 device, since A[18:17]
share the same pins as SDA1 and SCL1 of I²C_1,
these address bits are not available when the
I²C_1 is in use (when I2CCR.PE bit is set).
Figure 74. Application Example (MC=0)
Figure 75. Application Example (MC=1)
RAM
2 Mbytes
G
E
A[20:0]
A[20:8]
ST9
DS
P9[6:2], P1
Q[7:0]
P0
W
RW
D[7:0]
AS
OE
LE
Q[7:0]
D[7:0]
LATCH
A21
DS
Q[7:0]
A[20:0]
E
ROM
2 Mbytes
P9.7
A[7:0]
RAM
2 Mbytes
G
E
A[20:0]
A[20:8]
ST9
OEN
P9[6:2], P1
Q[7:0]
P0
W
WEN
D[7:0]
ALE
OE
LE
Q[7:0]
D[7:0]
LATCH
A21
DS
Q[7:0]
A[20:0]
E
ROM
2 Mbytes
P9.7
A[7:0]
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com